Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5MS1G22MFP-E3M Datasheet(PDF) 23 Page - Hynix Semiconductor

Part # H5MS1G22MFP-E3M
Description  1Gbit MOBILE DDR SDRAM based on 8M x 4Bank x32 I/O
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5MS1G22MFP-E3M Datasheet(HTML) 23 Page - Hynix Semiconductor

Back Button H5MS1G22MFP-E3M Datasheet HTML 19Page - Hynix Semiconductor H5MS1G22MFP-E3M Datasheet HTML 20Page - Hynix Semiconductor H5MS1G22MFP-E3M Datasheet HTML 21Page - Hynix Semiconductor H5MS1G22MFP-E3M Datasheet HTML 22Page - Hynix Semiconductor H5MS1G22MFP-E3M Datasheet HTML 23Page - Hynix Semiconductor H5MS1G22MFP-E3M Datasheet HTML 24Page - Hynix Semiconductor H5MS1G22MFP-E3M Datasheet HTML 25Page - Hynix Semiconductor H5MS1G22MFP-E3M Datasheet HTML 26Page - Hynix Semiconductor H5MS1G22MFP-E3M Datasheet HTML 27Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
Rev 1.2 / Jun. 2008
23
Mobile DDR SDRAM 1Gbit (32M x 32bit)
H5MS1G22MFP Series / H5MS1G32MFP Series
DC CHARACTERISTICS
Parameter
Symbol
Test Condition
Max
Unit Note
DDR
400
DDR
333
DDR
266
DDR
200
Operating one bank
active-precharge
current
4KBytes
Page Size
IDD0
tRC = tRC(min); tCK = tCK(min); CKE is HIGH;
CS is HIGH between valid commands; address in-
puts are SWITCHING; data bus inputs are STABLE
90
70
60
50
mA
1, 6
2KBytes
Page Size
80
60
50
50
Precharge power-down
standby current
IDD2P
all banks idle; CKE is LOW; CS is HIGH;
tCK = tCK(min); address and control inputs are
SWITCHING; data bus inputs are STABLE
0.4
mA
Precharge power-down
standby current
with clock stop
IDD2PS
all banks idle; CKE is LOW; CS is HIGH;
CK = LOW; CK = HIGH; address and control in-
puts are SWITCHING; data bus inputs are STABLE
0.4
mA
Precharge non power-down
standby current
IDD2N
all banks idle; CKE is HIGH; CS is HIGH,
tCK = tCK(min); address and control inputs are
SWITCHING; data bus inputs are STABLE
15
12
mA
Precharge non power-down
standby current
with clock stop
IDD2NS
all banks idle; CKE is HIGH; CS is HIGH;
CK = LOW; CK = HIGH; address and control in-
puts are SWITCHING; data bus inputs are STABLE
8
6
Active power-down
standby current
IDD3P
one bank active; CKE is LOW; CS is HIGH;
tCK = tCK(min); address and control inputs are
SWITCHING; data bus inputs are STABLE
3
mA
Active power-down
standby current
with clock stop
IDD3PS
one bank active; CKE is LOW; CS is HIGH;
CK = LOW; CK = HIGH; address and control in-
puts are SWITCHING; data bus inputs are STABLE
2
Active non power-down
standby current
IDD3N
one bank active; CKE is HIGH; CS is HIGH;
tCK = tCK(min); address and control inputs are
SWITCHING; data bus inputs are STABLE
15
12
mA
Active non power-down
standby current
with clock stop
IDD3NS
one bank active; CKE is HIGH; CS is HIGH;
CK = LOW; CK = HIGH; address and control in-
puts are SWITCHING; data bus inputs are STABLE
8
6
mA
Operating burst read current
IDD4R
one bank active; BL=4; CL=3; tCK=tCK(min);
continuous read bursts; IOUT=0mA; address in-
puts are SWITCHING, 50% data change each
burst transfer
150
130
110
90
mA
1
Operating burst write current
IDD4W
one bank active; BL=4; tCK=tCK(min); continu-
ous write bursts; address inputs are SWITCHING;
50% data change each burst transfer
140
120
100
80
mA
Auto Refresh Current
IDD5
tRC=tRFC(min); tCK=tCK(min); burst refresh;
CKE is HIGH; address and control inputs are
SWITCHING; data bus inputs are STABLE
120
mA
Self Refresh Current
IDD6
CKE is LOW; CK=LOW; CK=HIGH;
Extended Mode Register set to all 0's; address
and control inputs are STABLE; data bus inputs
are STABLE
See Next Page
uA
2
Deep Power Down Current
IDD8
Address, control and data bus inputs are STABLE
10
uA
4


Similar Part No. - H5MS1G22MFP-E3M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5MS1222EFP-J3E HYNIX-H5MS1222EFP-J3E Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
H5MS1222EFP-J3M HYNIX-H5MS1222EFP-J3M Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
H5MS1222EFP-K3E HYNIX-H5MS1222EFP-K3E Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
H5MS1222EFP-K3M HYNIX-H5MS1222EFP-K3M Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
H5MS1222EFP-L3E HYNIX-H5MS1222EFP-L3E Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
More results

Similar Description - H5MS1G22MFP-E3M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5MS1222EFP-Q3E HYNIX-H5MS1222EFP-Q3E Datasheet
1Mb / 62P
   128Mbit MOBILE DDR SDRAM based on 1M x 4Bank x32 I/O
H55S2622JFR-60M HYNIX-H55S2622JFR-60M Datasheet
1Mb / 55P
   256MBit MOBILE SDR SDRAMs based on 2M x 4Bank x32 I/O
logo
Samsung semiconductor
K4X56323PG SAMSUNG-K4X56323PG Datasheet
242Kb / 23P
   8M x32 Mobile-DDR SDRAM
logo
Hynix Semiconductor
H55S1222EFP-60E HYNIX-H55S1222EFP-60E Datasheet
1Mb / 54P
   128MBit MOBILE SDR SDRAMs based on 1M x 4Bank x32 I/O
H55S5122DFR-60M HYNIX-H55S5122DFR-60M Datasheet
830Kb / 54P
   512MBit MOBILE SDR SDRAMs based on 4M x 4Bank x32 I/O
H55S2562JFR-60M HYNIX-H55S2562JFR-60M Datasheet
689Kb / 52P
   256MBit MOBILE SDR SDRAM based on 4M x 4Bank x16 I/O
HY5S7B6LF-H HYNIX-HY5S7B6LF-H Datasheet
652Kb / 51P
   512MBit MOBILE SDR SDRAMs based on 8M x 4Bank x16I/O
H55S5162DFR-60M HYNIX-H55S5162DFR-60M Datasheet
701Kb / 55P
   512MBit MOBILE SDR SDRAMs based on 8M x 4Bank x16I/O
HY5S7B6ALFP-6 HYNIX-HY5S7B6ALFP-6 Datasheet
659Kb / 52P
   512MBit MOBILE SDR SDRAMs based on 8M x 4Bank x16I/O
H57V2582GTR-60C HYNIX-H57V2582GTR-60C Datasheet
228Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com