Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UVP-2X88 Datasheet(PDF) 3 Page - Unity Opto Technology

Part No. UVP-2X88
Description  2.3 inch ( 58.42mm ) 8X8 DOT MATRIX LED DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UOT [Unity Opto Technology]
Homepage  http://www.unityopto.com.tw
Logo 

UVP-2X88 Datasheet(HTML) 3 Page - Unity Opto Technology

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2.3 inch ( 58.42mm )
8X8 DOT MATRIX LED DISPLAY
UVP-2X88 SERIES
PIN CONNECTION
B
UVP-2188AA
1
ANODE COLUMN 1 ORANGE
2
ANODE COLUMN 1 GREEN
3
ANODE COLUMN 3 ORANGE
4
ANODE COLUMN 3 GREEN
5
ANODE COLUMN 4 ORANGE
6
ANODE COLUMN 4 GREEN
7
ANODE COLUMN 2 ORANGE
8
ANODE COLUMN 2 GREEN
9
CATHODE ROW 5
10
CATHODE ROW 6
11
CATHODE ROW 7
12
CATHODE ROW 8
13
ANODE COLUMN 8 GREEN
14
ANODE COLUMN 8 ORANGE
15
ANODE COLUMN 6 GREEN
16
ANODE COLUMN 6 ORANGE
17
ANODE COLUMN 5 GREEN
18
ANODE COLUMN 5 ORANGE
19
ANODE COLUMN 7 GREEN
20
ANODE COLUMN 7 ORANGE
21
CATHODE ROW 4
22
CATHODE ROW 3
23
CATHODE ROW 2
24
CATHODE ROW 1
ANODE COLUMN 3
CATHODE ROW 8
ANODE COLUMN 5
CATHODE ROW 5
CATHODE ROW 7
ANODE COLUMN 2
CATHODE ROW 6
ANODE COLUMN 1
ANODE COLUMN 4
CATHODE ROW 3
ANODE COLUMN 1
CATHODE ROW 2
ANODE COLUMN 6
CATHODE ROW 4
ANODE COLUMN 7
ANODE COLUMN 8
11/14/2000
PIN NO.
A
UVP-2X88 XX
CONNECTION
Unity Opto Technology Co., Ltd.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn