Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V-15G3-1A5-K Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # V-15G3-1A5-K
Description  Snap Action Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-15G3-1A5-K Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button V-15G3-1A5-K Datasheet HTML 2Page - Omron Electronics LLC V-15G3-1A5-K Datasheet HTML 3Page - Omron Electronics LLC V-15G3-1A5-K Datasheet HTML 4Page - Omron Electronics LLC V-15G3-1A5-K Datasheet HTML 5Page - Omron Electronics LLC V-15G3-1A5-K Datasheet HTML 6Page - Omron Electronics LLC V-15G3-1A5-K Datasheet HTML 7Page - Omron Electronics LLC V-15G3-1A5-K Datasheet HTML 8Page - Omron Electronics LLC V-15G3-1A5-K Datasheet HTML 9Page - Omron Electronics LLC V-15G3-1A5-K Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
126
Snap Action Switch
V
■ Characteristics
Note: 1. Data shown are of initial value.
2. The dielectric strength shown is measured using a separator between the switch and metal mounting plate.
3. For pin plunger models, the above values apply for use at both the free position and total travel position. For lever models, they apply at
the total travel position.
4. For testing conditions, contact your OMRON sales representative.
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard reference values. This value represents the failure rate at a 60%
60) reliability level
(JIS C5003). The equation
λ
60=0.5 x 10
-6 / operations indicates that a failure rate of 1/2,000,000 operations can be expected at a reliability
level of 60%
Operating speed
0.1 mm to 1 m/s (plunger models)
Operating frequency
Mechanical: 600 operations/minute, max.
Electrical: 30 operations/minute, max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
15 m
Ω max.
Dielectric strength (see note 2)
1,000 VAC, 50/60 Hz for 1 min between terminals of the same polarity
V-21, V-16 and V-11:
2,000 VAC, 50/60 Hz for 1 min between current-carrying metal parts and ground, and between
each terminal and non-current-carrying metal parts
V-15 and V-10:
1,500 VAC, 50/60 Hz for 1 min between current-carrying metal parts and ground, and between
each terminal and non-current-carrying metal parts
Vibration resistance (see note 3)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance (see note 3)
Destruction: 1,000 m/s2 (approx. 100G) max.
Malfunction:
V-21/V-16/V-15:
300 m/s2 (approx. 30G) max.
V-11/V10:
200 m/s2 (approx. 20G) max.
Life expectancy
Mechanical: 50,000,000 operations min. (60 operations/minute)
Electrical: V-21/V-16/V-15:
100,000 operations min. (30 operations/minute)
(V-15 heat resistive: 20,000 operations min. (30 ops/minute))
V-11/V-10:
300,000 operations min. (30 operations/minute)
(V-10 heat resistive: 50,000 operations min. (30 ops/minute))
Degree of protection
IEC IP40
Degree of protection against electric shock Class I
Proof tracking index (PTI)
175
Ambient operating temperature
-25
°C to 80°C (at 60% RH max.) with no icing
-25
°C to 150°C for heat resistive models (at 60% RH max.) with no icing.
Ambient operating humidity
85% max. (for 5
°C to 35°C)
Weight
Approx. 6.2 g (plunger models)
Item
V-21
V-16
V-15
V-11
V-10
Contact
Specification
Rivet
Material
Silver alloy
Silver
Gap
(standard value)
1 mm (F gap type) or 0.5 mm (G gap type)
Inrush current
NC
50 A max.
40 A max.
36 A max.
24 A max.
NO
Minimum applicable load
160 mA at 5 VDC


Similar Part No. - V-15G3-1A5-K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-15G3-1A5-K OMRON-V-15G3-1A5-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G3-1A5-K OMRON-V-15G3-1A5-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G3-1A5-K OMRON-V-15G3-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
More results

Similar Description - V-15G3-1A5-K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com