Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3V-11G3MK-2A4-W2KH Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D3V-11G3MK-2A4-W2KH
Description  Miniature Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V-11G3MK-2A4-W2KH Datasheet(HTML) 2 Page - Omron Electronics LLC

  D3V-11G3MK-2A4-W2KH Datasheet HTML 1Page - Omron Electronics LLC D3V-11G3MK-2A4-W2KH Datasheet HTML 2Page - Omron Electronics LLC D3V-11G3MK-2A4-W2KH Datasheet HTML 3Page - Omron Electronics LLC D3V-11G3MK-2A4-W2KH Datasheet HTML 4Page - Omron Electronics LLC D3V-11G3MK-2A4-W2KH Datasheet HTML 5Page - Omron Electronics LLC D3V-11G3MK-2A4-W2KH Datasheet HTML 6Page - Omron Electronics LLC D3V-11G3MK-2A4-W2KH Datasheet HTML 7Page - Omron Electronics LLC D3V-11G3MK-2A4-W2KH Datasheet HTML 8Page - Omron Electronics LLC D3V-11G3MK-2A4-W2KH Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74
Miniature Basic Switch
D3V
■ Available Combinations
Note: 1.
❍: Available model.
2. Consult OMRON for specific models with standard approval.
■ List of Models
21 A (OF: 125 gf)
Model D3V-21
D3V-16
D3V-11
D3V-6
D3V-01
Rated current
21 A
16 A
11 A
6 A
0.1 A
OF
125 gf
200 gf
100 gf
200 gf
100 gf
50 gf
200 gf
100 gf
50 gf
50 gf
25 gf
Heat resistance
Contact
gap
Terminals
G
0.5 mm
F/G
1 mm or
0.5 mm
F/G
1 mm or
0.5 mm
F
1 mm
G
0.5 mm
F
1 mm
G
0.5 mm
G
0.5 mm
F/G
1 mm or
0.5 mm
F
1 mm
G
0.5 mm
G
0.5 mm
F/G
1 mm or
0.5 mm
Standard (85
°C) #187
❍❍
#250
❍❍
RAST5
❍❍
Standard
(105
°C)
#187
❍❍
#250
❍❍
RAST5
❍❍
EN60695-2-11
approved
W2: 85
°C
#187
❍❍
#250
❍❍
❍❍
EN60695-2-11
approved
W2: 105
°C
#187
#250
❍❍
RAST5
High
temperature
H: 125
°C
#187
❍❍
#250
❍❍
RAST5
High
temperature
T: 155
°C
#187
❍❍
#250
❍❍
RAST5
High
temperature
T: 200
°C
#187
❍❍
#250
❍❍
RAST5
❍❍
Actuator
Hinge position
(far from plunger)
Contact form
SPDT
SPST-NC
SPST-NO
---
D3V-21G-1
@4A-Δ-∇
D3V-21G-2
@4A-Δ-∇
D3V-21G-3
@4A-Δ-∇
Internal
D3V-21G1-1
@4A-Δ-∇
D3V-21G1-2
@4A-Δ-∇
D3V-21G1-3
@4A-Δ-∇
External (M)
D3V-21G1M-1
@4A-Δ-∇ D3V-21G1M-2@4A-Δ-∇
D3V-21G1M-3
@4A-Δ-∇
Internal
D3V-21G2-1
@4A-Δ-∇
D3V-21G2-2
@4A-Δ-∇
D3V-21G2-3
@4A-Δ-∇
External (M)
D3V-21G2M-1
@4A-Δ-∇ D3V-21G2M-2@4A-Δ-∇
D3V-21G2M-3
@4A-Δ-∇
Internal
D3V-21G3-1
@4A-Δ-∇
D3V-21G3-2
@4A-Δ-∇
D3V-21G3-3
@4A-Δ-∇
External (M)
D3V-21G3M-1
@4A-Δ-∇ D3V-21G3M-2@4A-Δ-∇
D3V-21G3M-3
@4A-Δ-∇
Internal
D3V-21G4-1
@4A-Δ-∇
D3V-21G4-2
@4A-Δ-∇
D3V-21G4-3
@4A-Δ-∇
External (M)
D3V-21G4M-1
@4A-Δ-∇ D3V-21G4M-2@4A-Δ-∇
D3V-21G4M-3
@4A-Δ-∇
Internal
D3V-21G5-1
@4A-Δ-∇
D3V-21G5-2
@4A-Δ-∇
D3V-21G5-3
@4A-Δ-∇
External (M)
D3V-21G5M-1
@4A-Δ-∇ D3V-21G5M-2@4A-Δ-∇
D3V-21G5M-3
@4A-Δ-∇
Internal
D3V-21G6-1
@4A-Δ-∇
D3V-21G6-2
@4A-Δ-∇
D3V-21G6-3
@4A-Δ-∇
External (M)
D3V-21G6M-1
@4A-Δ-∇ D3V-21G6M-2@4A-Δ-∇
D3V-21G6M-3
@4A-Δ-∇
Pin plunger
Short hinge lever
Hinge lever
Long hinge lever
Simulated roller lever
Short hinge roller lever
Hinge roller lever


Similar Part No. - D3V-11G3MK-2A4-W2KH

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3V-11 OMRON-D3V-11 Datasheet
1Mb / 16P
   Reliable Basic Switch with External Lever
More results

Similar Description - D3V-11G3MK-2A4-W2KH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com