Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVP-2X44 Datasheet(PDF) 1 Page - Unity Opto Technology

Part # UVP-2X44
Description  2.0 inch ( 50.80mm ) 4X4 DOT MATRIX LED DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVP-2X44 Datasheet(HTML) 1 Page - Unity Opto Technology

  UVP-2X44 Datasheet HTML 1Page - Unity Opto Technology UVP-2X44 Datasheet HTML 2Page - Unity Opto Technology UVP-2X44 Datasheet HTML 3Page - Unity Opto Technology UVP-2X44 Datasheet HTML 4Page - Unity Opto Technology UVP-2X44 Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2.0 inch ( 50.80mm )
4X4 DOT MATRIX LED DISPLAY
UVP-2X44 SERIES
DESCRIPTION
The UVP-2X44 is 2.0 inch (50.80mm) height 4X4 dot matrix display.
Single color display have the choices of three bright colors-AlGaAs red/green/yellow.
Multicolor display are applicable to two colors -green/red/orange.
All device have black face and white dot.
The AlGaAs red LED chip are made from AlGaAs on a non-transparent GaAs substrate.
The green LED chip are made from GaP on a transparent GaP substrate.
The yellow and Red Orange LED chip are made from GaAsP on a transparent GaP substrate.
FEATURES
l
Industuy standard size
l
Wide viewing angle
l
Continuous uniform dot matrix.
l
Excellent characters appearance
l
Low power requirement
DEVICES
ABSOLUTE MAXIMUM RATINGS
@ TA=25
oC
GREEN
YELLOW
RED ORANGE
UNIT
96
96
96
mW
90
80
80
mA
11
8
8
mA
0.15
0.08
0.08
mA/
oC
15
15
15
V
11/14/2000
Storage Temperature Range
Solder Temperature 1/16 inch Below Seating Plane for 3 Seconds at 260
oC
-35
oCto+85oC
110
Peak Forward Current Per Dot
Continuous Forward Current Per Dot
Derating Linear From 25
oC Per Dot
Reverse Voltage Per Dot
Operating Temperature Range
14
0.19
DESCRIPTION
PARAMETER
UVP-2344
AlGaAs RED
15
-35
oCto+85oC
INTERNAL CIRCUIT
DIAGRAM
Fig. 1
Fig. 2
96
Column Cathode
Power Dissipation Per Dot
PACKAGE DIMENSION
PART NO.
Unity Opto Technology Co., Ltd.


Similar Part No. - UVP-2X44

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVP-2X58XX UOT-UVP-2X58XX Datasheet
97Kb / 5P
   2.3 inch ( 58.42mm ) 5X8 DOT MATRIX LED DISPLAY
UVP-2X88 UOT-UVP-2X88 Datasheet
121Kb / 5P
   2.3 inch ( 58.42mm ) 8X8 DOT MATRIX LED DISPLAY
More results

Similar Description - UVP-2X44

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN2121-AG MARKTECH-MTAN2121-AG Datasheet
69Kb / 1P
   2.0 4x4 Dot Matrix Display
logo
Unity Opto Technology
UVP-2057A UOT-UVP-2057A Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
logo
LightKey Optoelectronic...
LM40044AB LIGHTKEY-LM40044AB Datasheet
133Kb / 3P
   4.00 inch 4x4 Dot Matrix LED Display
logo
Marktech Corporate
MTAN6621-CHRG MARKTECH-MTAN6621-CHRG Datasheet
75Kb / 1P
   2.0 4x4 Bi-Color Dot Matrix Display
logo
LightKey Optoelectronic...
LM40044ABRG LIGHTKEY-LM40044ABRG Datasheet
108Kb / 3P
   4.00 inch 4x4 Dual Color Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-57261EG CHINASEMI-CSM-57261EG Datasheet
274Kb / 8P
   2.0 Inch Dot-Matrix Display
logo
Ningbo Foryard Optoelec...
FYM-20571AX-00 FORYARD-FYM-20571AX-00 Datasheet
454Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571AW-X5 FORYARD-FYM-20571AW-X5 Datasheet
424Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571CX-00 FORYARD-FYM-20571CX-00 Datasheet
430Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-20571EXX-00 FORYARD-FYM-20571EXX-00 Datasheet
539Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com