Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVP-1257AA Datasheet(PDF) 1 Page - Unity Opto Technology

Part # UVP-1257AA
Description  1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVP-1257AA Datasheet(HTML) 1 Page - Unity Opto Technology

  UVP-1257AA Datasheet HTML 1Page - Unity Opto Technology UVP-1257AA Datasheet HTML 2Page - Unity Opto Technology UVP-1257AA Datasheet HTML 3Page - Unity Opto Technology UVP-1257AA Datasheet HTML 4Page - Unity Opto Technology UVP-1257AA Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1.2 inch ( 30.42mm )
5X7 DOT MATRIX LED DISPLAY
UVP-1X57A SERIES
DESCRIPTION
The UVP-1257AA/1357AA/1457A/1557A is 1.2 inch (30.42mm) height 5X7 dot matrix display.
Single color displays have the choices of three bright colors-AlGaAs red/green/red orange.
Multicolor displays are applicable to two colors green and red orange.
All device have gray face and white dot.
The AlGaAs red LED chip are made from AlGaAs on a non-transparent GaAs substrate.
The green LED chip are made from GaP on a transparent GaP substrate.
The red orange LED chip are made from GaAsP on a transparent GaP substrate.
FEATURES
l
Industuy standard size
l
Wide viewing angle
l
Continuous uniform dot matrix.
l
Excellent characters appearance
l
Low power requirement
DEVICES
ABSOLUTE MAXIMUM RATINGS
@ TA=25
oC
GREEN
UNIT
36
mW
100
mA
13
mA
0.17
mA/
oC
5
V
11/14/2000
RED ORANGE
UVP-1557A
Column Cathode
Fig. 1
Fig. 2
UVP-1257AA
Column Anode
AlGaAs RED
PARAMETER
Peak Forward Current Per Dot
Continuous Forward Current Per Dot
Derating Linear From 25
oC Per Dot
36
125
15
0.20
0.17
13
100
36
PART NO.
DESCRIPTION
PACKAGE DIMENSION
INTERNAL
CIRCUIT
DIAGRAM
Power Dissipation Per Dot
UVP-1357AA
Column Cathode
UVP-1457A
Column Anode
Storage Temperature Range
Solder Temperature 1/16 inch Below Seating Plane for 3 Seconds at 260
oC
5
-35
oCto+85oC
-35
oCto+85oC
5
Reverse Voltage Per Dot
Operating Temperature Range
Unity Opto Technology Co., Ltd.


Similar Part No. - UVP-1257AA

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVP-2057 UOT-UVP-2057 Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
UVP-2057A UOT-UVP-2057A Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
UVP-2058 UOT-UVP-2058 Datasheet
97Kb / 5P
   2.3 inch ( 58.42mm ) 5X8 DOT MATRIX LED DISPLAY
UVP-2088 UOT-UVP-2088 Datasheet
121Kb / 5P
   2.3 inch ( 58.42mm ) 8X8 DOT MATRIX LED DISPLAY
UVP-2157A UOT-UVP-2157A Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
More results

Similar Description - UVP-1257AA

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57171SG CHINASEMI-CSM-57171SG Datasheet
255Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
CSM-57171EG CHINASEMI-CSM-57171EG Datasheet
256Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
logo
Kingbright Corporation
TBC12-11EGWA KINGBRIGHT-TBC12-11EGWA Datasheet
174Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBC12-12EGWA KINGBRIGHT-TBC12-12EGWA Datasheet
172Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TC12-11EWA KINGBRIGHT-TC12-11EWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TA12-11EWA KINGBRIGHT-TA12-11EWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-12EGWA KINGBRIGHT-TBA12-12EGWA Datasheet
172Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-11EGWA KINGBRIGHT-TBA12-11EGWA Datasheet
174Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-22EGWA KINGBRIGHT-TBA12-22EGWA Datasheet
176Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com