Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12422C Datasheet(PDF) 24 Page - Hynix Semiconductor

Part # HY5DU12422C
Description  512Mb DDR SDRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12422C Datasheet(HTML) 24 Page - Hynix Semiconductor

Back Button HY5DU12422C_06 Datasheet HTML 20Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 21Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 22Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 23Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 24Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 25Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 26Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 27Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 28Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Rev. 1.5 / July 2006
24
1
HY5DU12422C(L)FP
HY5DU12822C(L)FP
HY5DU121622C(L)FP
AC CHARACTERISTICS (note: 1 - 9 / AC operating conditions unless otherwise noted)
Parameter
Symbol
DDR400B
DDR333
DDR266A
DDR266B
DDR200
UNIT
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Row Cycle Time
tRC
55
-
60
-
65
-
65
-
70
-
ns
Auto Refresh Row
Cycle Time
tRFC
70
-
72
-
75
-
75
-
80
-
ns
Row Active Time
tRAS
40
70K
42
70K
45
120K
45
120K
50
120K
ns
Active to Read with
Auto Precharge Delay
tRAP
tRCD or
tRASmin
-
tRCD or
tRASmin
-
tRCD or
tRASmin
-
tRCD or
tRASmin
-
tRCD or
tRASmin
-ns
Row Address to
Column Address Delay
tRCD
15
-
18
-
20
-
20
-
20
-
ns
Row Active to Row
Active Delay
tRRD
10
-
12
-
15
-
15
-
15
-
ns
Column Address to
Column Address Delay
tCCD
1-
1
-
1
-
1-
1
-
tCK
Row Precharge Time
tRP
15
-
18
-
20
-
20
-
20
-
ns
Write Recovery Time
tWR
15
-
15
-
15
-
15
-
15
-
ns
Internal Write to Read
Command Delay
tWTR
2-
1
-
1
-
1-
1
-
tCK
Auto Precharge Write
Recovery + Precharge
Time22
tDAL
(tWR/
tCK)
+
(tRP/tCK)
-
(tWR/
tCK)
+
(tRP/tCK)
-
(tWR/
tCK)
+
(tRP/tCK)
-
(tWR/
tCK)
+
(tRP/tCK)
-
(tWR/
tCK)
+
(tRP/tCK)
-tCK
System
Clock Cycle
Time24
CL = 3
tCK
5
10
-
---
-
-
-
-
ns
CL = 2.5
6
12
6
12
7.5
12
7.5
12
8.0
12
ns
CL = 2
7.5
12
7.5
12
7.5
12
10
12
10
12
ns
Clock High Level Width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
Clock Low Level Width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
Data-Out edge to Clock
edge Skew
tAC
-0.7
0.7
-0.7
0.7
-0.75
0.75
-0.75
0.75
-0.75
0.75
ns
DQS-Out edge to Clock
edge Skew
tDQSCK
-0.55
0.55
-0.6
0.6
-0.75
0.75
-0.75
0.75
-0.75
0.75
ns
DQS-Out edge to Data-
Out edge Skew21
tDQSQ
-
0.4
-
0.4
-
0.5
-
0.5
-
0.6
ns
Data-Out hold time
from DQS20
tQH
tHP
-tQHS
-
tHP
-tQHS
-
tHP
-tQHS
-
tHP
-tQHS
-
tHP
-tQHS
-ns
Clock Half Period19,20
tHP
min
(tCL,tCH)
-
min
(tCL,tCH)
-
min
(tCL,tCH)
-
min
(tCL,tCH)
-
min
(tCL,tCH)
-ns
Data Hold Skew
Factor20
tQHS
-
0.5
-
0.5
-
0.75
-
0.75
-
0.75
ns
Valid Data Output
Window
tDV
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
ns


Similar Part No. - HY5DU12422C_06

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12422CLFP HYNIX-HY5DU12422CLFP Datasheet
829Kb / 35P
   128Mb DDR SDRAM
HY5DU12422CLTP HYNIX-HY5DU12422CLTP Datasheet
253Kb / 31P
   512Mb DDR SDRAM
HY5DU12422CLTP-X HYNIX-HY5DU12422CLTP-X Datasheet
253Kb / 31P
   512Mb DDR SDRAM
HY5DU12422CTP HYNIX-HY5DU12422CTP Datasheet
253Kb / 31P
   512Mb DDR SDRAM
HY5DU12422CTP-X HYNIX-HY5DU12422CTP-X Datasheet
253Kb / 31P
   512Mb DDR SDRAM
More results

Similar Description - HY5DU12422C_06

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
   512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
   512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
   512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
   512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com