Electronic Components Datasheet Search |
|
D3V-21G3MK-1C24A-W2KH Datasheet(PDF) 1 Page - Omron Electronics LLC |
|
D3V-21G3MK-1C24A-W2KH Datasheet(HTML) 1 Page - Omron Electronics LLC |
1 / 18 page Miniature Basic Switch D3V 73 Miniature Basic Switch D3V Reliable Basic Switch with External Lever • Available by 0.1 A, 6 A, 11 A, 16 A and 21 A models, all with self-cleaning contacts. 0.1 A utilizes gold alloy crossbar contacts for high reliability at low loads. • Available with internally or externally fitted levers, and 2 fix- ing positions for external levers. • Conforms to EN61058-1 UL1054. • High Temperature models rated up to 200 °C (D3V-6, D3V-01) and 155 °C (D3V-11) are available. • RoHS Compliant. Ordering Information ■ Model Number Legend D3V - - - - - 1. Ratings 21: 20 (4) A at 250 VAC 16: 16 (3) A at 250 VAC 2. Contact Gap None: 1 mm (F gap) G: 0.5 mm (G gap) 11: 11 (3) A at 250 VAC 6: 6 (2) A at 250 VAC 01: 0.1 A at 125 VAC 4: 100 gf 3: 50 gf 2: 25 gf 7. Maximum Operating Force 5: 200 gf 4A: 125 gf 5: 200 gf 8. Enclosure Material None: Standard T: High Temperature 200°C for D3V-6, D3V-01 155°C for D3V-11 W2: EN60695-2-11/-12 Approved (Glow wire flammability test method with PTI = 250) 5. Contact Form 1: SPDT 2: SPST-NC 9. Mounting Hole Size None: 3.1 mm K: 2.9 mm 3: SPST-NO 4. Hinge Position None: Internal / Far from Plunger M: External / Far from Plunger K: External / Near Plunger 10. Special Code None: Standard H: High Temperature (125°C) E: Special Rating: 21 (8) A (D3V-21, only) Note: These OF values are for the pin plunger models. 3. Actuator None: Pin plunger 1: Short hinge lever 2: Hinge lever 3: Long hinge lever 4: Simulated roller lever 5: Short hinge roller lever 6: Hinge roller lever 6. Terminals A: Solder terminals C2: Quick-connect terminal (#187) C: Quick-connect terminal (#250) C6: RAST5 terminal (#250) 3 4 5 2 1 7 8 9 10 6 |
Similar Part No. - D3V-21G3MK-1C24A-W2KH |
|
Similar Description - D3V-21G3MK-1C24A-W2KH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |