Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC569LC5 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC569LC5
Description  GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC569LC5 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC569LC5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC569LC5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC569LC5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC569LC5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC569LC5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC569LC5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8
8 - 161
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain vs. Temperature
Input P1dB vs. Temperature
Conversion Gain vs. LO Drive
Image Rejection vs. Temperature
Return Loss
Input IP3 vs. LO Drive
Data Taken As IRM With External IF Hybrid
-10
-5
0
5
10
15
20
11
12
13
14
15
16
17
+25C
+85C
-40C
RF FREQUENCY (GHz)
HMC569LC5
v06.1208
GaAs MMIC I/Q DOWNCONVERTER
12 - 16 GHz
-10
-5
0
5
10
15
20
11
12
13
14
15
16
17
-4dBm
-2dBm
0dBm
2dBm
4dBm
RF FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
8
1012141618
20
LO
RF
FREQUENCY (GHz)
10
20
30
40
50
60
11
12
13
14
15
16
17
+25C
+85C
-40C
RF FREQUENCY (GHz)
-6
-4
-2
0
2
4
11
12
13
14
15
16
17
LO = -2 dBm
LO = 0 dBm
LO = +2 dBm
LO = +4 dBm
RF FREQUENCY (GHz)
-12
-10
-8
-6
-4
-2
0
11
12
13
14
15
16
17
+25C
+85C
-40C
RF FREQUENCY (GHz)


Similar Part No. - HMC569LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC569LC5 HITTITE-HMC569LC5 Datasheet
228Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC569LC5 HITTITE-HMC569LC5_10 Datasheet
243Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
More results

Similar Description - HMC569LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC569LC5 HITTITE-HMC569LC5_10 Datasheet
243Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC869LC5 HITTITE-HMC869LC5_10 Datasheet
678Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC569LC5 HITTITE-HMC569LC5 Datasheet
228Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC869LC5 HITTITE-HMC869LC5_09 Datasheet
238Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC568LC5 HITTITE-HMC568LC5_10 Datasheet
246Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 9 - 12 GHz
HMC908LC5 HITTITE-HMC908LC5 Datasheet
1Mb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 9 - 12 GHz
logo
Analog Devices
HMC908A AD-HMC908A Datasheet
784Kb / 26P
   9 GHz to 12 GHz,GaAs, MMIC, I/Q Downconverter
logo
Hittite Microwave Corpo...
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC567LC5 HITTITE-HMC567LC5 Datasheet
246Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 7 - 9 GHz
HMC572LC5 HITTITE-HMC572LC5 Datasheet
238Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com