Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG-5L3H Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # SSG-5L3H
Description  Subminiature Basic Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SSG-5L3H Datasheet(HTML) 3 Page - Omron Electronics LLC

  SSG-5L3H Datasheet HTML 1Page - Omron Electronics LLC SSG-5L3H Datasheet HTML 2Page - Omron Electronics LLC SSG-5L3H Datasheet HTML 3Page - Omron Electronics LLC SSG-5L3H Datasheet HTML 4Page - Omron Electronics LLC SSG-5L3H Datasheet HTML 5Page - Omron Electronics LLC SSG-5L3H Datasheet HTML 6Page - Omron Electronics LLC SSG-5L3H Datasheet HTML 7Page - Omron Electronics LLC SSG-5L3H Datasheet HTML 8Page - Omron Electronics LLC SSG-5L3H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Subminiature Basic Switch
SSG
111
■ Approved Standards
UL Recognized (File No. E41515)
CSA Certified (File No. LR21642)
EN61058-1 - - TÜV Rheinland approval
(File No. T9451449)
Testing conditions: 5E4 (50,000 operations), T125 (0
°C to 125°C)
Note: The rated values approved by each of the safety standards
(e.g. UL, CSA) may be different from the performance charac-
teristics individually defined in this catalog.
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard refer-
ence values. This value represents the failure rate at a 60%
60) reliability level (JIS C5003).
The equation
λ
60=0.5 x 10
-6 / operations indicates that a failure
rate of 1/2,000,000 operations can be expected at a reliability
level of 60%
Engineering Data
■ Mechanical Service Life
■ Electrical Service Life
■ Mounting
Panel Mounting
All switches may be panel mounted using M2.2 mounting screws with
plane washers or spring washers to securely mount the switch.
Tighten the screws to a torque of 0.20 to 0.24 N·m.
PCB Layout
■ Contact Form
* Consult Omron for SPST-NC and SPST-NO contact form types
ordering information.
Rated Voltage
SSG-5
SSG-01
125 VAC
5 A
0.1 A
250 VAC
3 A
- - -
30 VDC
- - -
0.1 A
Rated Voltage
SSG-5
SSG-01
250 VAC
5 A
- - -
30 VDC
- - -
0.1 A
Item
SSG-5
SSG-01H(T)
SSG-01P
Specification
Rivet
Crossbar
Material
Silver
Gold alloy
Gold alloy
Gap (standard value)
0.5 mm
0.25 mm
0.5 mm
Inrush current
NC: 20A max.
NO: 10A max.
1A max.
1A max.
Minimum applicable
load (see note)
160 mA at 5
VDC
1 mA at 5 VDC
SSG-5 Models
Overtravel (mm)
40,000
30,000
20,000
10,000
5,000
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%
Without load
Operating frequency: 60 operations/min
SSG-5 Models
Switching current (A)
5,000
3,000
1,000
500
300
100
50
30
10
0
12
3
4
56
7
125 VAC
250 VAC
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%
Operating frequency: 30 operations/min
cos
φ = 1
Two, 2.2-dia. mounting holes or
M2.2 screw holes
9.5
± 0.1
2.78
±0.1
7.62
±0.1
9.5
±0.1
Three, 1.35 dia. to 1.5 dia.
15.24
±0.1
SPDT
SPST-NC
SPST-NO
COM
NC
COM
NO NC
COM
NO


Similar Part No. - SSG-5L3H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SSG-15G-RC MINI-SSG-15G-RC Datasheet
731Kb / 9P
   Synthesized Signal Generator
logo
List of Unclassifed Man...
SSG-2027B-CIB020H ETC2-SSG-2027B-CIB020H Datasheet
1Mb / 2P
   2 Intel Xeon E5-2403 v2 1.8GHz
logo
Mini-Circuits
SSG-30G-RC MINI-SSG-30G-RC Datasheet
1Mb / 13P
   Wideband Signal Generator
Rev. OR
logo
Mercury United Electron...
SSG-32.768K-12.5P MERCURY-SSG-32.768K-12.5P Datasheet
134Kb / 1P
   32.768 KHz Surface Mount Crystal
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
More results

Similar Description - SSG-5L3H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com