Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG-01H Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # SSG-01H
Description  Subminiature Basic Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SSG-01H Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button SSG-01H Datasheet HTML 2Page - Omron Electronics LLC SSG-01H Datasheet HTML 3Page - Omron Electronics LLC SSG-01H Datasheet HTML 4Page - Omron Electronics LLC SSG-01H Datasheet HTML 5Page - Omron Electronics LLC SSG-01H Datasheet HTML 6Page - Omron Electronics LLC SSG-01H Datasheet HTML 7Page - Omron Electronics LLC SSG-01H Datasheet HTML 8Page - Omron Electronics LLC SSG-01H Datasheet HTML 9Page - Omron Electronics LLC SSG-01H Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
114
Subminiature Basic Switch
SSG
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.25 mm applies to all dimensions
2. The operating characteristics are for operation in the A direction(
)
Hinge Lever Models
SSG-01L1P
SSG-5L1P
SSG-01L1P-5
SSG-5L1P-5
6.9
5.3
±0.4
19.8
5.15
2.5 dia.
t0.3 Stainless-steel lever
7.62
±0.2
3.4
±0.1
2.2
+0.1
0
2.87
±0.1
9.5
±0.1
7.62
±0.2
Three, 0.8
Three, 1.2
±0.1
CNC
NO
1.3
±0.3
0.5
±0.05
6.4
±0.2
4
±0.3
7.7
2.2
+0.1
0
dia. hole
1.8
OP
FP
A
3.6
Note: Also available are models with a hinge lever
length of 39 mm under the following model
numbers: SSG-01L14
@,SSG-5L14@,
SSG01L14
@-5, and SSG-5L14@-5. Contact
your OMRON representative for these models.
Model
SSG-01L1P
SSG-5L1P
SSG-01L1P-5
SSG-5L1P-
5
OF max.
61 gf
20 gf
RF min.
6 gf
2 gf
PT max.
- - -
OT min.
1.0 mm
MD max.
0.8 mm
FP max.
17.0 mm
OP
12.2+1.1/
-0.7 mm
Simulated Roller Lever Models
SSG-01L3P
SSG-5L3P
SSG-01L3P-5
SSG-51L3P-5
2.2
+0.1
0
dia. hole
6.9
Three, 1.2
±0.1
t0.3 Stainless-steel lever
1.3R
6.3
±0.4
7.7
19.8
5.15
2.5 dia.
7.62
±0.2
3.4
±0.1
2.2
+0.1
0
2.87
±0.1
9.5
±0.1
7.62
±0.2
Three, 0.8
NO
1.3
±0.3
0.5
±0.05
6.4
±0.2
1.8
4
±0.3
CNC
OP
FP
A
3.6
Model
SSG-01L3P
SSG-5L3P
SSG-01L3P-5
SSG-5L3P-5
OF max.
61 gf
20 gf
RF min.
6 gf
2 gf
PT max.
- - -
OT min.
1.0 mm
MD max.
0.8 mm
FP max.
18.9 mm
OP
14.4+1.1/
-0.7 mm
Hinge Roller Lever Models
SSG-01L2P
SSG-5L2P
SSG-01L2P-5
SSG-5L2P-5
Three, 1.2
±0.1
6.9
NO
4.8 dia.
× 3.2
Acetal resin roller
1.3
±0.3
0.5
±0.05
6.4
±0.2
1.8
4
±0.3
5
±0.4
19.8
5.15
2.5 dia.
t0.3 Stainless-steel lever
7.62
±0.2
3.4
±0.1
2.87
±0.1
9.5
±0.1
7.62
±0.2
Three, 0.8
C
NC
2.2
+0.1
0
Three, 1.2
±0.1
2.2
+0.1
0
dia. hole
OP
FP
7.7
A
Model
SSG-01L2P
SSG-5L2P
SSG-01L2P-5
SSG-5L2P-5
OF max.
61 gf
20 gf
RF min.
6 gf
2 gf
PT max.
- - -
OT min.
1.0 mm
MD max.
0.8 mm
FP max.
22.4 mm
OP
17.9+1.1/
-0.7 mm


Similar Part No. - SSG-01H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SSG-15G-RC MINI-SSG-15G-RC Datasheet
731Kb / 9P
   Synthesized Signal Generator
logo
List of Unclassifed Man...
SSG-2027B-CIB020H ETC2-SSG-2027B-CIB020H Datasheet
1Mb / 2P
   2 Intel Xeon E5-2403 v2 1.8GHz
logo
Mini-Circuits
SSG-30G-RC MINI-SSG-30G-RC Datasheet
1Mb / 13P
   Wideband Signal Generator
Rev. OR
logo
Mercury United Electron...
SSG-32.768K-12.5P MERCURY-SSG-32.768K-12.5P Datasheet
134Kb / 1P
   32.768 KHz Surface Mount Crystal
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
More results

Similar Description - SSG-01H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com