Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY1-CR Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # LY1-CR
Description  General Purpose Relay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LY1-CR Datasheet(HTML) 4 Page - Omron Electronics LLC

  LY1-CR Datasheet HTML 1Page - Omron Electronics LLC LY1-CR Datasheet HTML 2Page - Omron Electronics LLC LY1-CR Datasheet HTML 3Page - Omron Electronics LLC LY1-CR Datasheet HTML 4Page - Omron Electronics LLC LY1-CR Datasheet HTML 5Page - Omron Electronics LLC LY1-CR Datasheet HTML 6Page - Omron Electronics LLC LY1-CR Datasheet HTML 7Page - Omron Electronics LLC LY1-CR Datasheet HTML 8Page - Omron Electronics LLC LY1-CR Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
288
General Purpose Relay
LY
3-pole Type – AC
3-pole Type – DC
4-pole Type – AC
4-pole Type – DC
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C (73°F) with tolerances of +15%, -20% for AC rated
current, and ±15% for DC rated coil resistance.
2. The AC coil resistance and inductance are reference values at 60 Hz.
3. The performance characteristics are measured at a coil temperature of 23
°C (73°F).
4. Class B coil insulation is available.
Rated
voltage (V)
Rated current (mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(VA, W)
50 Hz
60 Hz
Armature
OFF
Armature
ON
(% of rated voltage)
6
310
270
6.70
0.03
0.05
80% max.
30% min.
110%
Approx.
1.60 to 2.00
(60 Hz)
12
159
134
24
0.12
0.21
24
80
67
100
0.44
0.79
50
38
33
410
2.24
3.87
100/110
15.90/18.30 13.60/15.60 2,300
10.50
18.50
120
17.30
14.8
2,450
11.50
20.60
200/220
10.50/11.60 9.00/9.90
8,650
34.80
59.50
240
9.40
8
10,400
38.60
74.60
Rated
voltage
(V)
Rated current (mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(VA, W)
Armature
OFF
Armature
ON
(% of rated voltage)
6
234
25.70
0.11
0.21
80% max.
10% min.
110%
Approx.
1.40
12
112
107
0.45
0.98
24
58.60
410
1.89
3.87
48
28.20
1,700
8.53
13.90
100/110
12.70/13
8,500
29.60
54.30
Rated
voltage (V)
Rated current (mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(VA, W)
Armature
OFF
Armature
ON
50 Hz
60 Hz
(% of rated voltage)
6
386
330
5
0.02
0.04
80% max.
30% min.
110%
Approx.
1.95 to 2.50
(60 Hz)
12
199
170
20
0.10
0.17
24
93.60
80
78
0.38
0.67
50
46.80
40
350
1.74
2.88
100/110
22.50/25.50 19/21.80
1,800
10.50
17.30
120
19.00
16.40
2,200
9.30
19
200/220
11.50/13.10 9.80/11.20
6,700
33.10
57.90
240
11.00
9.50
9,000
33.20
63.40
Rated
voltage (V)
Rated current (mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(VA, W)
Armature
OFF
Armature
ON
(% of rated voltage)
6
240
25
0.09
0.21
80% max.
10% min.
110%
Approx.
1.50
12
120
100
0.39
0.84
24
69
350
1.41
2.91
48
30
1,600
6.39
13.60
100/110
15/15.90
6,900
32
63.70


Similar Part No. - LY1-CR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY1-CR OMRON-LY1-CR Datasheet
438Kb / 15P
   General Purpose Relay
LY1-CR OMRON-LY1-CR Datasheet
679Kb / 16P
   General Purpose Relay
LY1-CR OMRON-LY1-CR Datasheet
674Kb / 16P
   General Purpose Relay
LY1-CR OMRON-LY1-CR Datasheet
1Mb / 16P
   General Purpose Relay
More results

Similar Description - LY1-CR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com