Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYDM-14SR Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # PYDM-14SR
Description  Screwless Clamp Terminal Socket
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PYDM-14SR Datasheet(HTML) 5 Page - Omron Electronics LLC

  PYDM-14SR Datasheet HTML 1Page - Omron Electronics LLC PYDM-14SR Datasheet HTML 2Page - Omron Electronics LLC PYDM-14SR Datasheet HTML 3Page - Omron Electronics LLC PYDM-14SR Datasheet HTML 4Page - Omron Electronics LLC PYDM-14SR Datasheet HTML 5Page - Omron Electronics LLC PYDM-14SR Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PYFjjS
PYFjjS
5
Precautions
J
PRECAUTIONS FOR CONNECTION
Do not move the screwdriver up, down, or from side to side while
it is inserted in the hole. Doing so may cause damage to internal
components (e.g., deformation of the coil spring or cracks in the
housing) or cause deterioration of insulation.
Do not insert the screwdriver at an angle. Doing so may break
the side of the socket and result in a short--circuit.
Do not insert two or more wires in the hole. Wires may come in
contact with the spring causing a termperature rise or may be
subject to sparks. (There are two wiring holes for each terminal.)
Insert the screwdriver along the hole wall as shown below.
If lubricating liquid, such as oil, is present on the tip of the
screwdriver, the screwdriver may fall out resulting in injury to the
operator.
Insert the screwdriver into the bottom of the hole. It may not be
possilble to connect cables properly if the screwdriver is inserted
incorrectly.
J
GENERAL PRECAUTIONS
Use the clip to prevent relays from floating or falling out of the
socket.
Do not use the product if it has been dropped on the ground.
Dropping the product may adversely affect performance.
Confirm that the socket is securely attached to the mounting
track before wiring. If the socket is mounted insecurely it may fall
and injure the operator.
Ensure that the socket is not charged during wiring and
maintenance. Not doing so may result in electric shock.
Do not pour water or cleaning agents on the product. Doing so
may result in electric shock.
Do not use the socket in locations subject to solvents or alkaline
chemicals.
Do not use the socket in locations subject to ultraviolet light (e.g.,
direct sunlight). Doing so may result in markings fading, rust,
corrosion or resin deterioration.
Do not dispose of the product in fire.
J
REMOVING FROM MOUNTING RAIL
To remove the socket from the mounting rail, insert the tip of the
screwdriver in the fixture rail and move it in the direction shown
below.


Similar Part No. - PYDM-14SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PYD1588 ETC2-PYD1588 Datasheet
208Kb / 2P
   Next-Generation, Low-Power DigiPyro짰 for Battery-Operated Motion Detection
logo
PerkinElmer Optoelectro...
PYD1998 PERKINELMER-PYD1998 Datasheet
237Kb / 2P
   Digital Dual Element Pyrodetector
logo
TDK Electronics
PYD20 TDK-PYD20 Datasheet
2Mb / 6P
   200W Single Output DC-DC converters, 1/2 Brick
September 2, 2022 V1
PYD20 TDK-PYD20 Datasheet
1Mb / 5P
   20W Single and Dual Output DC-DC converters
September 2, 2022 V1
PYD20-72WD12 TDK-PYD20-72WD12 Datasheet
1Mb / 5P
   20W Single and Dual Output DC-DC converters
September 2, 2022 V1
More results

Similar Description - PYDM-14SR

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ETB63 ECE-ETB63 Datasheet
100Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
ETB69 ECE-ETB69 Datasheet
100Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
logo
CamdenBoss Ltd.
CSTBP381 CAMDENBOSS-CSTBP381 Datasheet
344Kb / 1P
   3.81mm screwless terminal blocks
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
   5mm screwless terminal blocks
logo
EXCEL CELL ELECTRONIC C...
ETBV50 ECE-ETBV50 Datasheet
308Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
ETB61 ECE-ETB61 Datasheet
142Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
logo
CamdenBoss Ltd.
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
   2.54mm screwless terminal blocks
logo
EXCEL CELL ELECTRONIC C...
ETB68 ECE-ETB68 Datasheet
154Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
ETBM3 ECE-ETBM3 Datasheet
110Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
logo
CamdenBoss Ltd.
CSTBP762V CAMDENBOSS-CSTBP762V Datasheet
467Kb / 1P
   7.62mm screwless terminal blocks
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com