Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYF14S Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # PYF14S
Description  Screwless Clamp Terminal Socket
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PYF14S Datasheet(HTML) 3 Page - Omron Electronics LLC

  PYF14S Datasheet HTML 1Page - Omron Electronics LLC PYF14S Datasheet HTML 2Page - Omron Electronics LLC PYF14S Datasheet HTML 3Page - Omron Electronics LLC PYF14S Datasheet HTML 4Page - Omron Electronics LLC PYF14S Datasheet HTML 5Page - Omron Electronics LLC PYF14S Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PYFjjS
PYFjjS
3
Accessories (Order seperately)
Unit: mm
J
SOCKET BRIDGE
Insulating coating
1.4 dia. conductor
L
(See note 1.)
Note: 1. The relationship between the model number, the length
L, and the color of the insulating coating is shown in
the following table.
Model number
Length L (mm)
Color of
insulating
coating
PYDM-14SR
27.5±0.3
Red
PYDM-14SB
27.5±0.3
Blue
PYDM-08SR
19.7±0.3
Red
PYDM-08SB
19.7±0.3
Blue
2. The insulating coating must be able to withstand a volt-
age of 1,500 V for 1 minute. Use either PE or PA as
the material of the insulating coating.
3. The positions of the ends of the insulating coating must
not vary more than 0.5 mm.
4. The characteristics of the socket bridge are shown in
the following table.
Item
Characteristic
Rated ON current
10 A
Rated insulation voltage
250 VAC
Temperature rise
35°C max.
Dielectric strength
1,500 VAC for 1 minute
Ambient operating
temperature
--55 to 70°C
J
PYF14S LEVER
J
PYF08S LEVER
26.5 typ.
28 typ.
52.5 typ.
3 typ.
29.6 typ.
21.5 typ.
16 typ.
6 typ.
4.1 typ.
5.4 typ.
54.4 typ.
32.7 typ.
6.41 typ.
Installation
J
TOOLS
A flat-blade screwdriver should be used to mount the cables.
Applicable Screwdriver
Flat-blade, Parallel-tip, 2.5 mm diameter (3.0 mm max.)
Flat-blade, Parallel-tip
Flat-blade, Flared-tip
2.5 dia. (3.0 mm max.)
Cannot be used.
Examples:
FACOM AEF.2.5 ´ 75E
(AEF. 3 ´ 75E)
VESSEL No. 9900-(-)2.5 ´ 75 (No. 9900-(-)3 ´ 100
WAGO 210-119
WIHA 260/2.5 ´ 40
(260/3 ´ 50)
Note: Chamfering (beveling) the tip of the driver improves insertion when used as an exclusive tool.


Similar Part No. - PYF14S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PYF14A OMRON-PYF14A Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
PYF14A OMRON-PYF14A Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
PYF14A-E OMRON-PYF14A-E Datasheet
1Mb / 14P
   Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
PYF14A-E OMRON-PYF14A-E Datasheet
664Kb / 7P
   Fully Sealed Version of G2A that Displays Its Power in Adverse Environments
2010.4
PYF14A-N OMRON-PYF14A-N Datasheet
1Mb / 20P
   General-purpose Relay
More results

Similar Description - PYF14S

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ETB63 ECE-ETB63 Datasheet
100Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
ETB69 ECE-ETB69 Datasheet
100Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
logo
CamdenBoss Ltd.
CSTBP381 CAMDENBOSS-CSTBP381 Datasheet
344Kb / 1P
   3.81mm screwless terminal blocks
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
   5mm screwless terminal blocks
logo
EXCEL CELL ELECTRONIC C...
ETBV50 ECE-ETBV50 Datasheet
308Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
ETB61 ECE-ETB61 Datasheet
142Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
logo
CamdenBoss Ltd.
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
   2.54mm screwless terminal blocks
logo
EXCEL CELL ELECTRONIC C...
ETB68 ECE-ETB68 Datasheet
154Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
ETBM3 ECE-ETBM3 Datasheet
110Kb / 2P
   SCREWLESS TYPE TERMINAL BLOCK
logo
CamdenBoss Ltd.
CSTBP762V CAMDENBOSS-CSTBP762V Datasheet
467Kb / 1P
   7.62mm screwless terminal blocks
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com