Electronic Components Datasheet Search |
|
D3V-16G3MK-2C24-TKH Datasheet(PDF) 7 Page - Omron Electronics LLC |
|
D3V-16G3MK-2C24-TKH Datasheet(HTML) 7 Page - Omron Electronics LLC |
7 / 18 page Miniature Basic Switch D3V 79 ■ Characteristics Note: 1. Data shown are of initial value. 2. The dielectric strength values shown in the table are for models with a Separator. 3. For plunger models, the above values apply for use at both the free position and total travel position. For lever models, they apply at the total travel position. 4. For testing conditions, contact your OMRON sales representative. ■ Contact Specifications Note: Minimum applicable loads are indicated by N standard reference values. This value represents the failure rate at a 60% (λ 60) reliability level (JIS C5003). The equation λ 60=0.5 x 10 -6 / operations indicates that a failure rate of 1/2,000,000 operations can be expected at a reliability level of 60% ■ Contact Form Operating speed 0.1 mm to 1 m/s (plunger models) Operating frequency Mechanical: 600 operations/min Electrical: 60 operations/min Insulation resistance 100 M Ω min. (at 500 VDC) Contact resistance D3V-21: 50 m Ω max. D3V-16, D3V-11, D3V-6: 30 m Ω max. D3V-01, 50 gf versions: 50 m Ω max. 25 gf versions: 100 m Ω max. Dielectric strength (see note 2) 1,000 VAC, 50/60 Hz for 1 min between terminals of the same polarity 2,000 VAC, 50/60 Hz for 1 min between current-carrying metal parts and ground, and between each terminal and non-current-carrying metal parts Vibration resistance (see note 3) Malfunction: 10 to 55 Hz, 1.5-mm double amplitude Shock resistance (see note 3) Destruction: 400 m/s2 (approx. 40G) max. Malfunction: 100 m/s2 (approx. 10G) max. Life expectancy Mechanical: 10,000,000 operations min. Electrical: D3V-21: 50,000 operations min. D3V-16: 100,000 operations min. D3V-11: 200,000 operations min. D3V-6, D3V-01: 500,000 operations min. Degree of protection IEC IP40 Degree of protection against electric shock Class I Proof tracking index (PTI) 250 (High Temperature type with suffix “-T”: 175) Ambient operating temperature D3V-21: -25 °C to 85°C with no icing D3V-16: -25 °C to 105°C (High Temperature type “H”: -25°C to 125°C) with no icing D3V-11: -25 °C to 105°C (High Temperature types “H”: -25°C to 125°C, “T”: -25°C to 155°C) with no icing D3V-6: -25 °C to 105°C (High Temperature types “H”: -25°C to 125°C, “T”: -25°C to 200°C) with no icing D3V-01: -25 °C to 85°C (High Temperature type “T”: -25°C to 200°C) with no icing Ambient operating humidity 85% max. (for 5 °C to 35°C) Weight Approx. 6.2 g (plunger models) Item D3V-21 D3V-16 D3V-11 D3V-6 D3V-01 Contact Specification Rivet Crossbar Material Silver alloy Gold alloy Gap (standard value) 0.5 mm 1 mm (F gap type) or 0.5 mm (G gap type) 1.0 mm Inrush current NC 50 A max. 40 A max. 24 A max. 15 A max. --- NO Minimum applicable load 160 mA at 5 VDC 1 mA at 5 VDC SPDT SPST-NC SPST-NO COM NC NO COM NC COM NO |
Similar Part No. - D3V-16G3MK-2C24-TKH |
|
Similar Description - D3V-16G3MK-2C24-TKH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |