Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAW3603DH Datasheet(PDF) 23 Page - Pixart Imaging Inc.

Part # PAW3603DH
Description  LOW POWER WIRELESS LASER MOUSE SENSOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3603DH Datasheet(HTML) 23 Page - Pixart Imaging Inc.

Back Button PAW3603DH Datasheet HTML 19Page - Pixart Imaging Inc. PAW3603DH Datasheet HTML 20Page - Pixart Imaging Inc. PAW3603DH Datasheet HTML 21Page - Pixart Imaging Inc. PAW3603DH Datasheet HTML 22Page - Pixart Imaging Inc. PAW3603DH Datasheet HTML 23Page - Pixart Imaging Inc. PAW3603DH Datasheet HTML 24Page - Pixart Imaging Inc. PAW3603DH Datasheet HTML 25Page - Pixart Imaging Inc. PAW3603DH Datasheet HTML 26Page - Pixart Imaging Inc. PAW3603DH Datasheet HTML 27Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
PixArt Imaging Inc.
PAW3603DH
CMOS Laser Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
23
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Aug. 2007
9.4 PCB Layout Consideration
1. Caps for pins 5, 8, 9, 10 must have trace lengths less than 5mm.
2. The trace lengths of OSCOUT, OSCIN must less than 6mm.
3. Avoid the eye safety issue, please placement the R1_1 ~ R1_5 and VR1 in a straight line and avoid any resistor
to short each other or short to VCC.
4. Avoid the eye safety issue, please guard the trace from LD’s cathode to mouse sensor’s PIN2 (LD) and avoid
short to ground.


Similar Part No. - PAW3603DH

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3603DH-NF PIXART-PAW3603DH-NF Datasheet
728Kb / 32P
   LOW POWER WIRELESS LASER MOUSE SENSOR
More results

Similar Description - PAW3603DH

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3603DH-NF PIXART-PAW3603DH-NF Datasheet
728Kb / 32P
   LOW POWER WIRELESS LASER MOUSE SENSOR
PMW3610DM-SUDU PIXART-PMW3610DM-SUDU Datasheet
589Kb / 8P
   Low Power Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-7050 BOARDCOM-ADNK-7050 Datasheet
107Kb / 1P
   Low Power Laser Mouse Sensor
ADNK-6030 BOARDCOM-ADNK-6030 Datasheet
120Kb / 1P
   Low Power Laser Mouse Sensor
logo
Pixart Imaging Inc.
PAW3205DB-TJ3T PIXART-PAW3205DB-TJ3T Datasheet
273Kb / 5P
   LOW POWER WIRELESS MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-6030 AVAGO-ADNK-6030 Datasheet
120Kb / 1P
   Low Power Laser Mouse Sensor
ADNK-7050 AVAGO-ADNK-7050 Datasheet
107Kb / 1P
   Low Power Laser Mouse Sensor
logo
Pixart Imaging Inc.
PAW3212DB-TJDT PIXART-PAW3212DB-TJDT Datasheet
666Kb / 31P
   ULTRA LOW POWER WIRELESS MOUSE SENSOR
PAW3220LU-TJDU PIXART-PAW3220LU-TJDU Datasheet
738Kb / 7P
   Ultra-Low Power Wireless Mouse Sensor
PAW3204DB-TJ3L PIXART-PAW3204DB-TJ3L Datasheet
280Kb / 5P
   ULTRA LOW POWER WIRELESS MOUSE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com