Electronic Components Datasheet Search |
|
PAW3602DH Datasheet(PDF) 9 Page - Pixart Imaging Inc. |
|
PAW3602DH Datasheet(HTML) 9 Page - Pixart Imaging Inc. |
9 / 32 page PixArt Imaging Inc. PAW3602DH CMOS Laser Mouse Sensor All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission . 9 PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw V1.0, Jun. 2007 5. Specifications 5.1 Absolute Maximum Ratings Stresses above those listed under "Absolute Maximum Rating" may cause permanent damage to the device. These are stress ratings only. Functional operation of this device at these or any other conditions above those indicated in the operational sections of this specification is not implied and exposure to absolute maximum rating conditions for extended periods may affect device reliability. Symbol Parameter Min Max Unit Notes TSTG Storage Temperature -40 85 °C TA Operating Temperature -15 55 °C -0.5 Vdd1 + 0.3 V VDC DC Supply Voltage -0.5 Vdd2 + 0.5 V VIN DC Input Voltage -0.5 VDC V All I/O pin except LDTEST pin (LDTEST high is 3.3V only) Lead Solder Temp 260 °C For 10 seconds, 1.6mm below seating plane. ESD 2 kV All pins, human body model MIL 883 Method 3015 5.2 Recommend Operating Condition Symbol Parameter Min. Typ. Max. Unit Notes TA Operating Temperature 0 40 °C Vdd1 3.0 3.3 3.6 VDDD, VDDA short Vdd2 Power Supply Voltage 4.25 5 5.5 V VDD VN Supply Noise 80 mV Peak to peak within 0 - 80 MHz Z Distance from Lens Reference Plane to Surface 2.3 2.4 2.5 mm R Resolution 800 1600 CPI SCLK Serial Port Clock Frequency 10 MHz FCLK Clock Frequency 27 MHz FR Frame Rate 6600 frames/s S Speed 28 inches/s |
Similar Part No. - PAW3602DH |
|
Similar Description - PAW3602DH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |