Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PAW3601DH Datasheet(PDF) 31 Page - Pixart Imaging Inc.

Part No. PAW3601DH
Description  laser diode form a complete and compact laser mouse tracking system
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PIXART [Pixart Imaging Inc.]
Homepage  http://www.pixart.com.tw
Logo 

PAW3601DH Datasheet(HTML) 31 Page - Pixart Imaging Inc.

 
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
PixArt Imaging Inc.
PAW3601DH
CMOS Laser Mouse Sensor
PixArt reserves the right to
Rev 2.50
make changes due to the improvement
of process and package technology.
PNDR-00003
850nm Epoxy molded VCSEL for Laser Mouse
FEATURES
Epoxy Molded with round emission surface.
Small divergence angle.
Constricted Beam profile.
ELECTRO-OPTICAL CHARACTERISTICS:
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITIONS
Output Power
Po
0.475
0.7
mW
I=IF
(1)
Wavelength
λP
830
850
860
nm
IF = 6 mA
Forward Voltage
VF
1.6
1.75
1.9
V
IF = 6 mA
Series Resistance
RS
40
60
Ω
IF = 6 mA
Breakdown voltage
VBD
7
14
V
Ir = 10uA
Beam Divergence(1/e2)
θ
8
degree
IF = 6 mA
Notes :(1) Binning
APPLY TO PAN/PAW 3601 DH
Optical power at each of following nominal bin operating current and constrained resistor at VDD=2.7V
Bin
grade
LD current
(mA)
Single Constrain
resistor :R(Ω)
6 Series
Constrain
resistor: rn (Ω)
Bin
grade
LD current
(mA)
Single
Constrain
resistor :R(Ω)
6 Series
Constrain
resistor: rn (Ω)
P36
3.6
282
47
P50
5.0
180
30
P40
4.0
234
39
P52
5.2
162
27
P42
4.2
234
39
P54
5.4
162
27
P44
4.4
216
36
P56
5.6
132
22
P46
4.6
198
33
P58
5.8
132
22
P48
4.8
180
30
P60
6.0
132
22
Single constrain resistor R value = 6 series connection resistor for eye safety protection
R = r1+r2+r3+r4+r5+r6
Ex. P48:180Ω = 30Ω+ 30Ω+30Ω+30Ω+30Ω+30Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn