Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PAW3601DH Datasheet(PDF) 18 Page - Pixart Imaging Inc.

Part No. PAW3601DH
Description  laser diode form a complete and compact laser mouse tracking system
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PIXART [Pixart Imaging Inc.]
Homepage  http://www.pixart.com.tw
Logo 

PAW3601DH Datasheet(HTML) 18 Page - Pixart Imaging Inc.

Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
PixArt Imaging Inc.
PAW3601DH
CMOS Laser Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
18
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.2, Aug. 2007
7.2 Re-Synchronous Serial Interface
If the mouse controller and the mouse sensor get out of synchronization, then the data either written or read from
the registers will be incorrect. There are two different ways for re-synchronous serial interface.
Re-synchronous serial interface using PD pin (see Section 7.2.1)
Re-synchronous serial interface using watchdog timer timeout (see Section 7.2.2)
Note that “watchdog timer timeout” (see Section 7.2.2) function is disabled when the mouse sensor is in the
power down mode. If the user uses this function during the power down mode, it will get out of synchronization.
The mouse sensor and the mouse controller also might get out of synchronization due to following conditions.
Power On Problem - The problem occurs if the mouse sensor powers up before the mouse controller
sets the SCLK and SDIO lines to be output. The mouse sensor and the mouse controller might get out
of synchronization due to power on problem. An easy way to solve this is to raise PD pin (see Section
7.2.1) or use watchdog timer timeout (see Section 7.2.2) for re-synchronous serial interface.
ESD Events - The mouse sensor and the mouse controller might get out of synchronization due to ESD
events. An easy way to solve this is to raise PD pin (see Section 7.2.1) or use watchdog timer timeout
(see Section 7.2.2) for re-synchronous serial interface.
USB suspend - Termination of a transmission by the mouse controller may be required sometimes (for
example, due to a USB suspend interrupt during a read operation). An easy way to solve this is to raise
PD pin (see Section 7.2.1) or use watchdog timer timeout (see Section 7.2.2) for re-synchronous serial
interface.
7.2.1 Re-Synchronous Serial Interface Using PD Pin
The mouse controller raises PD line to reach re-synchronous serial interface after an incorrect read. The mouse
sensor will reset the serial port but will not reset the registers and be prepared for the beginning of a new
transmission. Note that using “PD pin” to reach re-synchronous is quicker than using “watchdog timer timeout”.
PD
SDIO
SCLK
Hi-Z
1us,min
123456789
1
0
1
1
1
2
1
3
1
4
1
5
1
6
ADDRESS(R/W)
DATA
Figure 12. Re-synchronous Serial Interface Using PD Pin
7.2.2 Re-Synchronous Serial Interface Using Watchdog Timer Timeout
The mouse controller can toggle the SCLK line from high to low to high and wait at least tSIWTT to reach re-
synchronous serial interface after an incorrect read. The mouse sensor will reset the serial port but will not reset
the registers and be prepared for the beginning of a new transmission.
SC L K
tSIW TT
123
45
678
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
SD IO
Hi-Z
ADD R E SS
(R /W )
DA T A
tRESYNC
1us , m in
Figure 13. Re-synchronous Serial Interface Using Watchdog Timer Timeout


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn