Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PAW3601DH Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part No. PAW3601DH
Description  laser diode form a complete and compact laser mouse tracking system
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PIXART [Pixart Imaging Inc.]
Homepage  http://www.pixart.com.tw
Logo 

PAW3601DH Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
PixArt Imaging Inc.
PAW3601DH
CMOS Laser Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
8
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.2, Aug. 2007
0x06
Configuration
Bit
7
6
5
4
3
2
1
0
Field
Reserved[5:2]
PD_enh
Reserved[1:0]
RES
Usage
The Configuration register allows the user to change the configuration of the mouse sensor. Shown
below are the bits, their default values, and optional values.
Field Name
Description
Reserved[5:2]
Reserved for future use
PD_enh
Power down mode
0 = Normal operation (Default)
1 = Power down mode
Reserved[1:0]
Reserved for future use. Must be written to “00”
Notes
RES
Output resolution setting. In the power-on initial state, the resolution is depend on
the CPI IO trap select pin. If the mouse controller writes the register, it is depend
on the register value.
0 = 1600
1 = 800


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn