Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAW3502DL Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAW3502DL
Description  USB OPTICAL MOUSE SINGLE CHIP
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3502DL Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAW3502DL Datasheet HTML 1Page - Pixart Imaging Inc. PAW3502DL Datasheet HTML 2Page - Pixart Imaging Inc. PAW3502DL Datasheet HTML 3Page - Pixart Imaging Inc. PAW3502DL Datasheet HTML 4Page - Pixart Imaging Inc. PAW3502DL Datasheet HTML 5Page - Pixart Imaging Inc. PAW3502DL Datasheet HTML 6Page - Pixart Imaging Inc. PAW3502DL Datasheet HTML 7Page - Pixart Imaging Inc. PAW3502DL Datasheet HTML 8Page - Pixart Imaging Inc. PAW3502DL Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PixArt Imaging Inc.
PAW3502
USB Optical Mouse Sensor Single Chip
1. Pin Configuration
2
1.1 Pin Description
Pin # Name
Type
Definition
1
OSCIN
IN
Oscillator input, connected to resonator or resistor
2
BL
IN
Button left key input, normal pull-high (50k), press connect to low
3
LED
OUT
LED control
4
VDDQ
BYPASS I/O voltage reference
5
VSS
GND
Chip ground
6
VDD5V
PWR
Chip power VDD, 5.0V
7
VDDA
BYPASS Analog voltage reference
8
D+
I/O
USB D+
9
D-
I/O
USB D-
10
BR
IN
Button right key input, normal pull-high (50k), press connect to low
11
BM
IN
Button middle key input, normal pull-high (50k), press connect to low
12
Z2
IN
Z axis, support mechanical scroller input
13
Z1
IN
Z axis, support mechanical scroller input
14
OSCOUT
OUT
Oscillator output, connected to resonator
1.2 Pin Assignment
LB
RB
+ X
+ Y
1
2
3
4
5
6
9
10
11
12
13
14
1
8
7
14
8
7
Figure 1. Top View Pinout
Figure 2. Top View of Mouse
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V0.2 Dec. 2006


Similar Part No. - PAW3502DL

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3501UI PIXART-PAW3501UI Datasheet
226Kb / 14P
   USB OPTICAL MOUSE SENSOR SINGLE CHIP
PAW3501UI-P2 PIXART-PAW3501UI-P2 Datasheet
226Kb / 14P
   USB OPTICAL MOUSE SENSOR SINGLE CHIP
PAW3501UI-P4 PIXART-PAW3501UI-P4 Datasheet
226Kb / 14P
   USB OPTICAL MOUSE SENSOR SINGLE CHIP
PAW3504 PIXART-PAW3504 Datasheet
758Kb / 13P
   PURE USB OPTICAL MOUSE SINGLE CHIP
PAW3504DLY PIXART-PAW3504DLY Datasheet
758Kb / 13P
   PURE USB OPTICAL MOUSE SINGLE CHIP
More results

Similar Description - PAW3502DL

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3515DB PIXART-PAW3515DB Datasheet
69Kb / 4P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3529DH-TXWA PIXART-PAW3529DH-TXWA Datasheet
821Kb / 23P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3509DH PIXART-PAW3509DH Datasheet
125Kb / 5P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3501UI PIXART-PAW3501UI Datasheet
226Kb / 14P
   USB OPTICAL MOUSE SENSOR SINGLE CHIP
logo
STMicroelectronics
VT5363 STMICROELECTRONICS-VT5363 Datasheet
610Kb / 25P
   Single-chip USB/PS2 optical mouse
logo
Pixart Imaging Inc.
ADNS-2710 PIXART-ADNS-2710 Datasheet
954Kb / 38P
   Single Chip USB Optical Mouse Sensor
PAN3501UI PIXART-PAN3501UI Datasheet
443Kb / 14P
   USB OPTICAL MOUSE SENSOR SINGLE CHIP
ADNS-2700 PIXART-ADNS-2700 Datasheet
1Mb / 39P
   Single Chip USB Optical Mouse Sensor
PAW3504 PIXART-PAW3504 Datasheet
758Kb / 13P
   PURE USB OPTICAL MOUSE SINGLE CHIP
logo
STMicroelectronics
VT5363 STMICROELECTRONICS-VT5363_07 Datasheet
509Kb / 23P
   Single-chip USB/PS2 optical mouse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com