Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAW3401DK-TJ Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAW3401DK-TJ
Description  PS/2 OPTICAL MOUSE SENSOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3401DK-TJ Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PAW3401DK-TJ Datasheet HTML 4Page - Pixart Imaging Inc. PAW3401DK-TJ Datasheet HTML 5Page - Pixart Imaging Inc. PAW3401DK-TJ Datasheet HTML 6Page - Pixart Imaging Inc. PAW3401DK-TJ Datasheet HTML 7Page - Pixart Imaging Inc. PAW3401DK-TJ Datasheet HTML 8Page - Pixart Imaging Inc. PAW3401DK-TJ Datasheet HTML 9Page - Pixart Imaging Inc. PAW3401DK-TJ Datasheet HTML 10Page - Pixart Imaging Inc. PAW3401DK-TJ Datasheet HTML 11Page - Pixart Imaging Inc. PAW3401DK-TJ Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PixArt Imaging Inc.
PAW3401
12 PIN PS/2 Optical Mouse Sensor
4. PS/2 Command Set Description
There are 16 valid commands that transmit between the system and The PAW3401. All other commands will
cause an FE (Resend) response from the PAW3401. A second invalid command will cause an FC (error)
response from the PAW3401.
4.1 PS/2 Command Set
Hex Code
Command
Response
FF
Reset
FA, AA, 00
FE
Resend
XX, (XX, XX)
F6
Set Default
FA
F5
Disable
FA
F4
Enable
FA
F3, XX
Set Sampling Rate
FA, FA
F2
Read Device Type
FA, 00
F0
Set Remote Mode
FA
EE
Set Wrap Mode
FA
EC
Reset Wrap Mode
FA
EB
Read Data
FA, XX, XX, XX
EA
Set Stream Mode
FA
E9
Status Request
FA, XX, XX, XX
E8, XX
Set Resolution
FA, FA
E7
Set Scaling 2:1
FA
E6
Reset Scaling
FA
4.2 Set Sampling Rate (F3, XX)
Second Byte Hex Value (XX)
Sampling Rate
0A
10/sec
14
20/sec
28
40/sec
3C
60/sec
50
80/sec
64
100/sec
C8
200/sec
4.3 Status Request (E9)
Byte
Bit
Symbol
Description
0
BR
1 = Right button pressed.
1
BM
1 = Middle button pressed.
2
BL
1 = Left button pressed.
3
0
Always = 0, reserved for future use.
4
Scaling
0 = Scaling 1:1; 1 = Scaling 2:1.
5
Enabled
0 = Disabled; 1 = Enabled.
6
Remote mode
0 = Stream mode; 1 = Remote mode.
1
7
0
Always=0, reserved for future use.
2
0 - 7
Resolution
Current resolution setting. Bit 0 = LSB.
3
0 - 7
Sampling rate
Current sampling rate. Bit 0 = LSB.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1, Dec. 2006
.
8


Similar Part No. - PAW3401DK-TJ

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3402 PIXART-PAW3402 Datasheet
336Kb / 15P
   PS/2 OPTICAL MOUSE SOC
PAW3402DK PIXART-PAW3402DK Datasheet
336Kb / 15P
   PS/2 OPTICAL MOUSE SOC
PAW3402DK-LH PIXART-PAW3402DK-LH Datasheet
336Kb / 15P
   PS/2 OPTICAL MOUSE SOC
PAW3402DK-TJ PIXART-PAW3402DK-TJ Datasheet
336Kb / 15P
   PS/2 OPTICAL MOUSE SOC
More results

Similar Description - PAW3401DK-TJ

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3402 PIXART-PAW3402 Datasheet
336Kb / 15P
   PS/2 OPTICAL MOUSE SOC
logo
ELAN Microelectronics C...
EKM8053 EMC-EKM8053 Datasheet
623Kb / 16P
   USB & PS/2 Optical Mouse Controller
logo
Pixart Imaging Inc.
PAN3401 PIXART-PAN3401 Datasheet
418Kb / 15P
   PS/2 OPTICAL MOUSE SINGLE CHIP
logo
ELAN Microelectronics C...
EKM8050 EMC-EKM8050 Datasheet
487Kb / 9P
   USB & PS/2 Optical Mouse Controller
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
   Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-2001 HP-ADNS-2001 Datasheet
203Kb / 12P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com