Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD264M726AL8-K Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HYMD264M726AL8-K
Description  Unbuffered DDR SO-DIMM with PLL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD264M726AL8-K Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HYMD264M726AL8-K Datasheet HTML 6Page - Hynix Semiconductor HYMD264M726AL8-K Datasheet HTML 7Page - Hynix Semiconductor HYMD264M726AL8-K Datasheet HTML 8Page - Hynix Semiconductor HYMD264M726AL8-K Datasheet HTML 9Page - Hynix Semiconductor HYMD264M726AL8-K Datasheet HTML 10Page - Hynix Semiconductor HYMD264M726AL8-K Datasheet HTML 11Page - Hynix Semiconductor HYMD264M726AL8-K Datasheet HTML 12Page - Hynix Semiconductor HYMD264M726AL8-K Datasheet HTML 13Page - Hynix Semiconductor HYMD264M726AL8-K Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
HYMD264M726A(L)8-J/M/K/H/L
Rev. 0.1/Apr. 02
10
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)
- continued -
Parameter
Symbol
DDR333
DDR266(2-2-2)
Unit
Note
Min
Max
Min
Max
Write DQS Low Level Width
tDQSL
0.35
-
0.35
-
CK
Clock to First Rising edge of DQS-In
tDQSS
0.75
1.25
0.72
1.28
CK
Data-In Setup Time to DQS-In (DQ & DM)
tDS
0.45
-
0.5
-
ns
6,7, 11~13
Data-in Hold Time to DQS-In (DQ & DM)
tDH
0.45
-
0.5
-
ns
6,7, 11~13
DQ & DM Input Pulse Width
tDIPW
1.75
-
1.75
-
ns
Read DQS Preamble Time
tRPRE
0.9
1.1
0.9
1.1
CK
Read DQS Postamble Time
tRPST
0.4
0.6
0.4
0.6
CK
Write DQS Preamble Setup Time
tWPRES
0-
0
-
CK
Write DQS Preamble Hold Time
tWPREH
0.25
-
0.25
-
CK
Write DQS Postamble Time
tWPST
0.4
0.6
0.4
0.6
CK
Mode Register Set Delay
tMRD
2-
2
-
CK
Exit Self Refresh to Any Execute Command
tXSC
200
-
200
-
CK
8
Average Periodic Refresh Interval
tREFI
-
15.6
-
15.6
us


Similar Part No. - HYMD264M726AL8-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264M646BF8-D4 HYNIX-HYMD264M646BF8-D4 Datasheet
563Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-D43 HYNIX-HYMD264M646BF8-D43 Datasheet
563Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-H HYNIX-HYMD264M646BF8-H Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-J HYNIX-HYMD264M646BF8-J Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-K HYNIX-HYMD264M646BF8-K Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
More results

Similar Description - HYMD264M726AL8-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-J HYNIX-HYMD264M646BF8-J Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD264M646BLF8-D43 HYNIX-HYMD264M646BLF8-D43 Datasheet
563Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD512M646AFS8-D43 HYNIX-HYMD512M646AFS8-D43 Datasheet
382Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD564M646A8-J HYNIX-HYMD564M646A8-J Datasheet
317Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216726A6-M HYNIX-HYMD216726A6-M Datasheet
243Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD216726C6-M HYNIX-HYMD216726C6-M Datasheet
268Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD564M646AL6-D43 HYNIX-HYMD564M646AL6-D43 Datasheet
332Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216M646CL6-J HYNIX-HYMD216M646CL6-J Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD232M646CF6-J HYNIX-HYMD232M646CF6-J Datasheet
462Kb / 20P
   Unbuffered DDR SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com