Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PAS106BCA-323 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part No. PAS106BCA-323
Description  PAS106BCA-323 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBA-323 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PIXART [Pixart Imaging Inc.]
Homepage  http://www.pixart.com.tw
Logo 

PAS106BCA-323 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PixArt Imaging Inc.
PAS106BCA-323/PAS106BBA-323
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
2/14
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.0, May 2002
1. Pin Assignment
Pin No.
Name
Type
Definition
1
VSSA
GND
Analog ground
2
VRB
BYPASS
Analog voltage reference
3
VRT
BYPASS
Analog voltage reference
4
VCM
BYPASS
Analog voltage reference
5
VDDA
PWR
Analog VDD, 3.3V
6
VDDA
PWR
Analog VDD, 3.3V
7
VDDAY1
PWR
Analog VDD, 3.3V
8
VDDAY2
PWR
Analog VDD, 3.3V
9
VSSAY
GND
Analog ground
10
CSB
IN
Chip select (Low, active, chip disable if high)
11
PXD9
OUT
Digital data out
12
PXD8
OUT
Digital data out
13
PXD7
OUT
Digital data out
14
PXD6
OUT
Digital data out
15
PXD5
OUT
Digital data out
16
PXD4
OUT
Digital data out
17
VDDQ
PWR
Digital VDD, 3,3V
18
VSSQ
GND
Digital ground
19
PXD3
OUT
Digital data out
20
PXD2
OUT
Digital data out
21
PXD1
OUT
Digital data out
22
PXD0
OUT
Digital data out
23
PXCLK
OUT
Pixel clock output
24
HSYNC
OUT
Horizontal synchronization signal
25
VSYNC
OUT
Vertical synchronization signal
26
SYSCLK
IN
Master clock input
27
SCL
IN
I2C clock
28
SDA
I/O
I2C data
29
VDDD
PWR
Digital VDD, 3.3V
30
VSSD
GND
Digital ground
31
VSSA
GND
Analog ground
32
VLRST
BIAS
Fixed bias input voltage, 1.65V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn