Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAS106BCA-323 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part No. PAS106BCA-323
Description  PAS106BCA-323 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBA-323 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PIXART [Pixart Imaging Inc.]
Homepage  http://www.pixart.com.tw
Logo 

PAS106BCA-323 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PixArt Imaging Inc.
PAS106BCA-323/PAS106BBA-323
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
9/14
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.0, May 2002
5.3 I2C Bus Timing
5.4 I2C Bus Timing Specification
STANDARD-MODE
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
SCL clock frequency
fscl
10
400
kHz
Hold time (repeated) START condition.
After this period, the first clock pulse is generated.
tHD:STA
4.0
-
us
Low period of the SCL clock
tLOW
4.7
-
us
HIGH period of the SCL clock
tHIGH
0.75
-
us
Set-up time for a repeated START condition
tSU;STA
4.7
-
us
Data hold time. For I2C-bus device
tHD;DAT
0
3.45
us
Data set-up time
tSU;DAT
250
-
ns
Rise time of both SDA and SCL signals
tr
30
N.D.
ns(note1)
Fall time of both SDA and SCL signals
tf
30
N.D.
ns(note1)
Set-up time for STOP condition
tSU;STO
4.0
-
us
Bus free time between a STOP and START
tBUF
4.7
-
us
Capacitive load for each bus line
Cb
1
15
pF
Noise margin at the LOW level for each connected
device (including hysteresis)
VnL
0.1
VDD
-
V
Noise margin at the HIGH
level
for
each
connected device (including hysteresis)
VnH
0.2
VDD
-
V
Note1: It depends on the "high" period time of SCL.
SDA
SCL
tf
tHD;STA
tLOW
tr
t HD;DAT
tHIGH
tSU;DAT
tf
tSU;STA
tHD;STA
tSP
tSU;STO
tBUF
tr
P
S
Sr
S


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn