Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAN3201DH Datasheet(PDF) 24 Page - Pixart Imaging Inc.

Part # PAN3201DH
Description  LOW POWER CMOS OPTICAL MOUSE SENSOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3201DH Datasheet(HTML) 24 Page - Pixart Imaging Inc.

Back Button PAN3201DH Datasheet HTML 17Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 18Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 19Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 20Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 21Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 22Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 23Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 24Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 25Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
PixArt Imaging Inc.
PAN3201DH
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
24
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Mar. 2006
9. Package Information
9.1 Package Outline Drawing
11
12
13
14
15
16
17
18
19
20
23
4
5
67
8
9
19.30
0.760
0.457
0.018
1.778
0.070
5.715
0.225
0.800
0.031
5.56
0.2189
5.080
0.200
11.938
0.470
12
3
4
56
7
8
11
12
13
14
15
16
910
17
18
19
20
1
10
4.55
0.179
13.589
0.535
1.46
0.0575
9.98
0.393
5.08
0.200
1.02
0.040
0.254
0.010
3.20
0.126
14.22
0.560
NOTES:
1. All dimensions in MM/INCH.
2. All dimensions tolerance: +/- 0.10mm
3. Maxmumflash: +0.2mm
4.064
0.160
5 - 12
Figure 18. Package outline drawing


Similar Part No. - PAN3201DH

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN3203DI PIXART-PAN3203DI Datasheet
342Kb / 13P
   WIRELESS OPTICAL MOUSE SINGLE CHIP
More results

Similar Description - PAN3201DH

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
   CMOS OPTICAL MOUSE SENSOR
PAN3101 PIXART-PAN3101 Datasheet
487Kb / 22P
   LOW COST CMOS OPTICAL MOUSE SENSOR
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
   Low Power Optical Mouse Sensor
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com