Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAN3201DH Datasheet(PDF) 23 Page - Pixart Imaging Inc.

Part No. PAN3201DH
Description  LOW POWER CMOS OPTICAL MOUSE SENSOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3201DH Datasheet(HTML) 23 Page - Pixart Imaging Inc.

Back Button PAN3201DH Datasheet HTML 17Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 18Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 19Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 20Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 21Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 22Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 23Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 24Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 25Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
PixArt Imaging Inc.
PAN3201DH
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
23
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Mar. 2006
8.5 PCB Layout Consideration
1. Caps for pins 5, 8, 9, 10 MUST have trace lengths LESS than 5mm.
2. The trace lengths of OSCOUT, OSCIN must less than 6mm.
8.6 Recommended Value for R1
8.6.1 Using Red LED
Radiometric intensity of red LED
Bin limits (mW/Sr at 20mA)
Note: Tolerance for each bin will be ± 15%
Suggested R1:
Red LED Bin Grade
Suggested R1 (ohm)
N
12
P
12
Q
12
8.6.2 Using IR LED
Suggested R1:
IR LED Bin Grade
Suggested R1 (ohm)
TBD
0
It is not guaranteed that the performance of PAN3201DH with IR LED is as good as PAN3201DH with red
LED. PAN3201DH is designed to a very good match with red LED, and this combination has the best
performance.
8.6.3 Summary
Light Source
LED Bin Grade
VDD
R1 (ohm)
Red LED
N, P, Q
2.7
12
IR LED
TBD
1.8
0
LED Bin Grade
Min.
Typ.
Max.
N
14.7
-
17.7
P
17.7
-
21.2
Q
21.2
-
25.4


Similar Part No. - PAN3201DH

ManufacturerPart No.DatasheetDescription
Pixart Imaging Inc.
Pixart Imaging Inc.
PAN3203DI PIXART-PAN3203DI Datasheet
342Kb / 13P
   WIRELESS OPTICAL MOUSE SINGLE CHIP
More results

Similar Description - PAN3201DH

ManufacturerPart No.DatasheetDescription
Pixart Imaging Inc.
Pixart Imaging Inc.
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
   CMOS OPTICAL MOUSE SENSOR
PAN3101 PIXART-PAN3101 Datasheet
487Kb / 22P
   LOW COST CMOS OPTICAL MOUSE SENSOR
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
   Low Power Optical Mouse Sensor
Pixart Imaging Inc.
Pixart Imaging Inc.
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
Broadcom Corporation.
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz