Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAN3201DH Datasheet(PDF) 22 Page - Pixart Imaging Inc.

Part No. PAN3201DH
Description  LOW POWER CMOS OPTICAL MOUSE SENSOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3201DH Datasheet(HTML) 22 Page - Pixart Imaging Inc.

Back Button PAN3201DH Datasheet HTML 17Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 18Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 19Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 20Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 21Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 22Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 23Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 24Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 25Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
PixArt Imaging Inc.
PAN3201DH
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
22
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Mar. 2006
8.4 Typical Application for RF Receiver
VCC_RF
D1
LED
OSC_OUT
R2
0R
SCL
VCC_RF
RF_DATA
R8
470
C9
0.1uF
R7
1.3K
R6
10K
+
C8
10uF
U2
2402
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
C16
0.1uF
SCL
OSC_OUT
C17
0.1uF
C6
10nF
VCC_RF
R4
0R
C13
10nF
R3 10K
R1
OPEN
VCC_5V
B3
R5
OPEN
PWR_Ctrl
C3
68pF
+
C18
10uF
C14
47pF
Q1
2N3906
U1
TI TRF7903-PW20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
ANT_IN1
AGND
VPOS
VCC
VDIG
XTAL_IN
XTAL_OUT
VNEG_DIG
B3
B2
CLK
OUT
B1
VNEG_LO
VPOS_LO
AGND
LF
MDR
VNEG
ANT_IN2
SDA
C11
10nF
RF_DATA
C1
20pF
+
C2
2.2uF
OSC_IN
B1
OSC_IN
X1
12MHz
VCC_RF
VCC_5V
+
C12
2.2uF
+
C10
2.2uF
+
C5
2.2uF
C4
10nF
C7
2.2uF
B3
C15
47pF
U3
CYPRESS CY7C63723
11
16
15
12
13
2
3
4
14
9
23
1
5
22
10
VREG
D+/SCLK
D-/SDATA
XTALIN
XTALOUT
P0.1
P0.2
P0.3
VCC
VSS
P0.5
P0.0
P1.0
P0.6
VPP
SDA
JP1
USB
1
2
3
4
S1
ID_SYNC
VCC_RF
PWR_Ctrl
B1
Figure17. Application circuit for RF Receive


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn