Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAN3201DH Datasheet(PDF) 20 Page - Pixart Imaging Inc.

Part No. PAN3201DH
Description  LOW POWER CMOS OPTICAL MOUSE SENSOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3201DH Datasheet(HTML) 20 Page - Pixart Imaging Inc.

Back Button PAN3201DH Datasheet HTML 16Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 17Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 18Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 19Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 20Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 21Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 22Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 23Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 24Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
PixArt Imaging Inc.
PAN3201DH
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
20
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Mar. 2006
8.2 1.8V Application Circuit (with Red LED)
VCC_1.8V
C17
0.1uF
#3. Sensor Circuit
C4
22uF
C5
47uF
R2
30K
R9 10R
SW1
R6
100K
#1. Battery Power Circuit
VCC_1.8V
LED_2.7V
SDIO
C10
0.1uF
VCC_1.8V
R10
56K
C16
1uF
C20
27pF
Q2
3904
VCC_1.8V
D3 1N5819
#2. MCU Circuit
RKEY
C25
0.1u
SW3
JP2
C22
0.1uF
Pin15(CPI)
control
state
BAT_1.5V
IDSYNC
GND
L1
220uH
VCC_1.8V
B. Regulator
LKEY
C19
10pF
Z2
R3
20K
JP1,
JP2
open,
short
=> GND (800CPI)
short, open
=> VCC (600CPI)
open,
open
=> Floating (400CPI)
LKEY
RESET
SCLK
LED_2.7V
Z1
Q1
3904
C7
0.1uF
VCC_1.8V
SDIO
C6
100uF
Z2
Q3
3904
PD
SW2
ENSW1
ENCODER
Z2
Z1
COM
U1
ELM9318
VOUT
SW
RFDATA
C1
47uF
R7
36K
JP1
A. DC/DC Converter
U4
MCU
1
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
P52
P53
TCC
/RESET
VSS
P60./INT
P61
P62
P63
P64
P51
P50
OSCI
OSCO
VDD
P67
P66
P65
GND
C3
22uF
RFDATA
C23
100pF
BAT_3.0V
C11 30pF
IDSYNC
C15
0.1uF
RFEN
C8 15pF
C12 30pF
R4
27K
MKEY
VIN PAD
U2
ELM9818
X3
13.5225MHz
Z1
C13
1uF
SWKINT
C26
1u
Optional power source: A or B
MKEY
C24
1uF
C27
100pF
BAT_1.5V
S1
C2
100uF
L2
220uH
VCC_1.8V
D2 1N5819
C18
0.1uF
PD
R8
2K
SCLK
RKEY
C9 15pF
X2
18.432MHz
U3
ELM9327
VOUT
SW
#4. RF TX Circuit
C21
33pF
VCC_1.8V
RFEN
U5
PAN3201DH
13
14
17
15
20
1
4
12
10
7
6
18
19
5
2
3
11
8
9
16
XA
XB
SWKINT
CPI
PD
VSS_LED
OSCIN
YB
VREF
VSSA
VSSD
SCLK
SDIO
VDDD
LED
OSCOUT
YA
VDD
VDDA
NC
SWKINT
D1
LED
VCC_1.8V
R5
10K
R1
C28
100p
+
C14
10uF
X1
6MHz
Figure15. Application Circuit for 1.8V (with Red LED)


Similar Part No. - PAN3201DH

ManufacturerPart No.DatasheetDescription
Pixart Imaging Inc.
Pixart Imaging Inc.
PAN3203DI PIXART-PAN3203DI Datasheet
342Kb / 13P
   WIRELESS OPTICAL MOUSE SINGLE CHIP
More results

Similar Description - PAN3201DH

ManufacturerPart No.DatasheetDescription
Pixart Imaging Inc.
Pixart Imaging Inc.
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
   CMOS OPTICAL MOUSE SENSOR
PAN3101 PIXART-PAN3101 Datasheet
487Kb / 22P
   LOW COST CMOS OPTICAL MOUSE SENSOR
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
   Low Power Optical Mouse Sensor
Pixart Imaging Inc.
Pixart Imaging Inc.
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
Broadcom Corporation.
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
AVAGO TECHNOLOGIES LIMITED
AVAGO TECHNOLOGIES LIMI...
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz