Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAN3201DH Datasheet(PDF) 19 Page - Pixart Imaging Inc.

Part No. PAN3201DH
Description  LOW POWER CMOS OPTICAL MOUSE SENSOR
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PIXART [Pixart Imaging Inc.]
Homepage  http://www.pixart.com.tw
Logo 

PAN3201DH Datasheet(HTML) 19 Page - Pixart Imaging Inc.

Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
PixArt Imaging Inc.
PAN3201DH
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
19
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Mar. 2006
8. Referencing Application Circuit
8.1 2.7V Application Circuit (with Red LED)
VCC_2.7V
U2
MCU
1
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
P52
P53
TCC
/RESET
VSS
P60./INT
P61
P62
P63
P64
P51
P50
OSCI
OSCO
VDD
P67
P66
P65
RESET
LKEY
R4
27K
C2
47uF
C9
1uF
LKEY
C21
1u
R9 10R
C15
10pF
#1. Battery Power Circuit
C19
1uF
Z1
C24
100p
D2 1N5819
GND
+
C10
10uF
RFDATA
IDSYNC
C16
0.1uF
SW3
#3. Sensor Circuit
RFEN
ENSW1
ENCODER
Z2
Z1
COM
C5 15pF
R1
#2. MCU Circuit
VCC_2.7V
VCC_2.7V
SWKINT
IDSYNC
Z1
SWKINT
JP1,
JP2
open,
short
=> GND (800CPI)
short, open
=> VCC (600CPI)
open,
open
=> Floating (400CPI)
U1
ELM9327
VOUT
SW
VCC_2.7V
VCC_2.7V
C8
30pF
D1
LED
SDIO
X3
13.5225MHz
C4
0.1uF
VCC_2.7V
Z2
R7
36K
RFDATA
SCLK
MKEY
R2
30K
C23
100pF
R10
56K
#4. RF TX Circuit
LED_2.7V
MKEY
C11
0.1uF
X1
6MHz
JP2
C7
30pF
VCC_2.7V
SDIO
C12
1uF
R6
100K
C3
0.1uF
R3
20K
R5
10K
Q3
3904
LED_2.7V
RFEN
Z2
C6 15pF
Q1
3904
RKEY
RKEY
S1
U3
PAN3201DH
13
14
17
15
20
1
4
12
10
7
6
18
19
5
2
3
11
8
9
16
XA
XB
SWKINT
CPI
PD
VSS_LED
OSCIN
YB
VREF
VSSA
VSSD
SCLK
SDIO
VDDD
LED
OSCOUT
YA
VDD
VDDA
NC
C14
0.1uF
L1
220uH
C17
27pF
R8
2K
PD
Q2
3904
PD
DC/DC Converter
C22
100pF
SCLK
C20
0.1u
C18
33pF
SW1
SW2
C1
47uF
JP1
BAT_1.5V
VCC_2.7V
X2
18.432MHz
C13
0.1uF
Pin15(CPI)
control
state
Figure14. Application Circuit for 2.7V (with Red LED)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn