Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PAN3201DH Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part No. PAN3201DH
Description  LOW POWER CMOS OPTICAL MOUSE SENSOR
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PIXART [Pixart Imaging Inc.]
Homepage  http://www.pixart.com.tw
Logo 

PAN3201DH Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
PixArt Imaging Inc.
PAN3201DH
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
11
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Mar. 2006
DC Electrical Characteristics
Electrical Characteristics over recommended operating conditions. Typical values at 25 °C, VDD =1.8 V, pin 5,8,9
short, FCLK=18.432MHz
Symbol
Parameter
Min.
Typ. Max. Unit
Type: Power
IDD
Supply Current
Mouse moving (Normal)
4.5
mA
IDD
Supply Current
Mouse not moving (sleep1)
600
uA
IDD
Supply Current
Mouse not moving (Sleep2)
100
uA PD, SCLK, SDIO = high
IDDPD
Supply Current
(Power Down)
30
uA
Type: SCLK, SDIO, PD
VIH
Input voltage HIGH
1.25
VIL
Input voltage LOW
0.5
V
Type: LED
VOL Output voltage LOW
300
mV @I OL = 25mA
Type: XA, XB, YA, YB
VOH Output voltage HIGH
1.2
V
@I OH = 2mA
VOL Output voltage LOW
0.2
V
@I OL = 2mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn