Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAN3201DH Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAN3201DH
Description  LOW POWER CMOS OPTICAL MOUSE SENSOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3201DH Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAN3201DH Datasheet HTML 6Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 7Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 8Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 9Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 10Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 11Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 12Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 13Page - Pixart Imaging Inc. PAN3201DH Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
PixArt Imaging Inc.
PAN3201DH
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
10
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Mar. 2006
AC Operating Condition
Electrical Characteristics over recommended operating conditions. Typical values at 25 °C, VDD =1.8 V, pin 5,8,9
short, FCLK=18.432MHz
Symbol Parameter
Min. Typ. Max. Unit
Notes
tPDR
PD Pulse Register
-
-
333 us
One frame time maximum after setting bit 3 in
the Configuration register @3000frame/sec.
(Refer to Figure 16)
tPD
Power Down
-
500
-
us From PD↑. (Refer to Figure 14)
tPDW
PD Pulse Width
700
-
-
us
Pulse width to reset the serial interface. (Refer to
Figure 14)
tPUPD
Power Up from PD↓
TBD
-
TBD
ms
From PD↓ to valid quad signals. After tPUPD, all
registers contain valid data from first image after
PD↓. Note that an additional TBD frames for
Auto-Exposure (AE) stabilization may be
required if mouse movement occurred while PD
was high. (Refer to Figure 14)
tPU
Power Up from VDD
TBD
-
TBD
ms
From VDD↑ to valid quad signals.
500usec + TBD frames.
tHOLD
SDIO read hold time
-
3
-
us
Minimum hold time for valid data. (Refer to
Figure 11)
tRESYNC Serial Interface RESYNC.
1
-
-
us @3000frame/sec (Refer to Figure 13)
tSIWTT
Serial Interface Watchdog
Timer Timeout
1.7
-
-
ms @3000frame/sec (Refer to Figure 13)
tSWKINT
Sensor wakeup interrupt
time
160
333
-
us
t r , t f
Rise and Fall Times: SDIO
-
25,
20
-
ns CL = 30pf
t r , t f
Rise and Fall Times:
XA, XB, YA, YB
-
30,
25
-
ns CL = 30pf
t r , t f
Rise and Fall Times: ILED
-
10,
10
-
ns LED bin grade: R; R1=100ohm


Similar Part No. - PAN3201DH

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN3203DI PIXART-PAN3203DI Datasheet
342Kb / 13P
   WIRELESS OPTICAL MOUSE SINGLE CHIP
More results

Similar Description - PAN3201DH

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
   CMOS OPTICAL MOUSE SENSOR
PAN3101 PIXART-PAN3101 Datasheet
487Kb / 22P
   LOW COST CMOS OPTICAL MOUSE SENSOR
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
   Low Power Optical Mouse Sensor
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com