Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAN301BSI-208 Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAN301BSI-208
Description  CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN301BSI-208 Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAN301BSI-208 Datasheet HTML 1Page - Pixart Imaging Inc. PAN301BSI-208 Datasheet HTML 2Page - Pixart Imaging Inc. PAN301BSI-208 Datasheet HTML 3Page - Pixart Imaging Inc. PAN301BSI-208 Datasheet HTML 4Page - Pixart Imaging Inc. PAN301BSI-208 Datasheet HTML 5Page - Pixart Imaging Inc. PAN301BSI-208 Datasheet HTML 6Page - Pixart Imaging Inc. PAN301BSI-208 Datasheet HTML 7Page - Pixart Imaging Inc. PAN301BSI-208 Datasheet HTML 8Page - Pixart Imaging Inc. PAN301BSI-208 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
PixArt Imaging Inc.
PAN301BSI-208
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
4
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1, MAY. 2004
3. Registers and Operation
The PAN301BSI-208 can be programmed through registers, via the serial port, and DSP configuration
and motion data can be read from these registers. All registers not listed are reserved, and should never be
written by firmware.
3.1 Registers
Address
Name
R/W
Default
Data Type
0x00
Product_ID
R
0x30
Eight bits [11:4] number with the product identifier
0x01
Product_ID
R
0x1N
Four bits [3:0] number with the product identifier
Reserved [3:0] number is reserved for future
0x02
Motion_Status
R
-
Bit field
0x03
Delta_X
R
-
Eight bits 2’s complement number
0x04
Delta_Y
R
-
Eight bits 2’s complement number
0x05
Operation_Mode
R/W
-
Bit field
0x06
Configuration
R/W
-
Bit field
0x07
Image_Quality
R
-
Eight bits unsigned integer
3.2 Register Descriptions
0x00
Product_ID
Bit
7
6
5
4
3
2
1
0
Field
PID[11:4]
Usage
The value in this register can’t change. It can be used to verify that the serial communications link is
OK.
0x01
Product_ID
Bit
7
6
5
4
3
2
1
0
Field
PID[3:0]
Reserved [3:0]
Usage
The value in this register can’t change. PID[3:0] can be used to verify that the serial
communications link is OK. Reserved [3:0] is a value between 0x0 and 0xF, it can’t be used to
verify that the serial communications.


Similar Part No. - PAN301BSI-208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
List of Unclassifed Man...
PAN301ASI-204 ETC2-PAN301ASI-204 Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Pixart Imaging Inc.
PAN301ASI-204 PIXART-PAN301ASI-204 Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
List of Unclassifed Man...
PAN301ASI-208 ETC2-PAN301ASI-208 Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
More results

Similar Description - PAN301BSI-208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090_17 Datasheet
676Kb / 8P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3090 AVAGO-ADNS-3090 Datasheet
449Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3080 PIXART-ADNS-3080 Datasheet
637Kb / 38P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3080 AVAGO-ADNS-3080 Datasheet
841Kb / 39P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
   CMOS OPTICAL MOUSE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com