Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3V-21G3MK-2C24A-TKH Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # D3V-21G3MK-2C24A-TKH
Description  Miniature Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V-21G3MK-2C24A-TKH Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button D3V-21G3MK-2C24A-TKH Datasheet HTML 7Page - Omron Electronics LLC D3V-21G3MK-2C24A-TKH Datasheet HTML 8Page - Omron Electronics LLC D3V-21G3MK-2C24A-TKH Datasheet HTML 9Page - Omron Electronics LLC D3V-21G3MK-2C24A-TKH Datasheet HTML 10Page - Omron Electronics LLC D3V-21G3MK-2C24A-TKH Datasheet HTML 11Page - Omron Electronics LLC D3V-21G3MK-2C24A-TKH Datasheet HTML 12Page - Omron Electronics LLC D3V-21G3MK-2C24A-TKH Datasheet HTML 13Page - Omron Electronics LLC D3V-21G3MK-2C24A-TKH Datasheet HTML 14Page - Omron Electronics LLC D3V-21G3MK-2C24A-TKH Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Miniature Basic Switch
D3V
83
Long Hinge Lever Models
D3V-21G3-1
@4A-Δ
D3V-163-1
@5-Δ
D3V-113-1
@5-Δ
D3V-113-1
@4-Δ
D3V-63-1
@4-Δ
D3V-6G3-1
@3-Δ
D3V-013-1
@3-Δ
4.2
10.3
2.85
PT
59.4
±0.8
8.1
1.6
3.1
dia. hole
+0.13
−0.03
0.7
4
7.2
18.7
15.9
t=0.5
Three, #187 series tab
2.8
(10)
27.8
37.8
±0.8
3.4±0.15 dia. hole
22.2
±0.1
3.1
+0.13
−0.03
10.3
±0.1
OP
2.8
t=0.5
A
t=0.5
Three, quick-connect
terminals (#187)
Note: Stainless-steel lever
D3V-21G3M-1
@4A-Δ
D3V-163M-1
@5-Δ
D3V-113M-1
@5-Δ
D3V-113M-1
@4-Δ
D3V-63M-1
@4-Δ
D3V-6G3M-1
@3-Δ
D3V-013M-1
@3-Δ
A
Model
D3V-21G3(M)-1
@4A-Δ
D3V-163(M)-1
@5-Δ
D3V-113(M)-1
@5-Δ
D3V-113(M)-1
@4-Δ
D3V-63(M)-1
@4-Δ
D3V-6G3(M)-1
@3-Δ D3V-013(M)-1@3-Δ
OF max.
RF min.
45 gf
3 gf
70 gf
6 gf
35 gf
---
20 gf
---
PT max.
OT min.
MD max.
9.0 mm
2.0 mm
2.0 mm
9.0 mm
2.0 mm
2.8 mm (F gap type) or 2.0 mm (G gap type)
9.0 mm
3.2 mm
2.8 mm (F gap type) or 2.0 mm (G gap type)
9.0 mm
3.2 mm
2.8 mm
OP
15.2
± 2.6 mm
15.2
mm
+2.6
−3.2
D3V-21G3K-1
@4A-Δ
D3V-163K-1
@5-Δ
D3V-113K-1
@5-Δ
D3V-113K-1
@4-Δ
D3V-63K-1
@4-Δ
D3V-6G3K-1
@3-Δ
D3V-013K-1
@3-Δ
4.5
10.3
2.85
PT
65.2
±0.8
14.3
8.5
1.6
3.1
dia. hole
+0.13
−0.03
0.7
4
7.2
18.7
15.9
t=0.5
Three, #187 series tab
2.8
(10)
27.8
37.8
±0.8
3.4±0.15 dia. hole
22.2
±0.1
3.1
+0.13
−0.03
10.3
±0.1
OP
2.8
t=0.5
A
Model
D3V-21G3K-1
@4A-Δ
D3V-163K-1
@5-Δ
D3V-113K-1
@5-Δ
D3V-113K-1
@4-Δ
D3V-63K-1
@4-Δ
D3V-6G3K-1
@3-Δ
D3V-013K-1
@3-Δ
OF max.
RF min.
20 gf
- - -
35 gf
4 gf
20 gf
---
10 gf
---
PT max.
OT min.
MD max.
15.0 mm
4.0 mm
3.0 mm
15.0 mm
4.0 mm
3.8 mm (F gap type) or 3.0 mm (G gap type)
15.0 mm
4.0 mm
3.8 mm
OP
15.2
± 3.0 mm


Similar Part No. - D3V-21G3MK-2C24A-TKH

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3V-21 OMRON-D3V-21 Datasheet
1Mb / 16P
   Reliable Basic Switch with External Lever
More results

Similar Description - D3V-21G3MK-2C24A-TKH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com