Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCL-10125-1 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCL-10125-1
Description  Intel짰 Celeron짰 M 1.0 GHz 4-axis Embedded Motion Controller with 32-ch Digital I/O
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCL-10125-1 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCL-10125-1 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Motion Control I/O Modules
Features
PEC-3240
Intel® Celeron® M 1.0 GHz 4-axis
Embedded Motion Controller
with 32-ch Digital I/O
Encoder Interface
ƒ
Input Type
Quadrature (x1, x2, x4 A/B phase) or CW/CCW
ƒ
Input Range
5 ~ 25 V
ƒ
Isolation Protection
1,000 V
ƒ
Max. Input Frequency 1 MHz
Isolated Digital Input
ƒ
Channels
16
ƒ
Input Voltage
Logic 0: 2 V max.; Logic 1: 5 V min. (24 V max.)
ƒ
Isolation Protection
1,000 V
Isolated Digital Output
ƒ
Channels
16
ƒ
Output Type
Sink Type (NPN)
ƒ
Output Voltage
5~40 V max.
ƒ
Sink Current
200 mA max. per channel
ƒ
Isolation Protection
1,000 V
Environment
ƒ
Humidity
5 ~ 95% RH, non-condensing (IEC 68-2-3)
ƒ
Operating Temperature -10 ~ 65° C (14 ~149° F) @ 5 ~ 85% RH
ƒ
Shock Protection
IEC 68 2-27
CompactFlash: 50 G @ wall mount, half sine, 11 ms
ƒ
Vibration Protection
IEC 68 2-64 (Random 1 Oct./min, 1hr/axis.)
CompactFlash: 2 Grms @ 5 ~ 500 Hz
Ordering Information
ƒ
PEC-3240
C-M 1 GHz 4-Axis Motion Controller w/ DIO
ƒ
PCL-10251-1
100-pin SCSI to Two 50-pin SCSI Cable, 1m
ƒ
PCL-10251-2
100-pin SCSI to Two 50-pin SCSI Cable, 2m
ƒ
PCL-10251-3
100-pin SCSI to Two 50-pin SCSI Cable, 3m
ƒ
PCL-10125-1
DB25 Cable, 1m
ƒ
PCL-10125-3
DB25 Cable, 3m
ƒ
ADAM-3952
50-pin SCSI DIN-rail Wiring Board
ƒ
ADAM-3925
DB25 DIN-rail Wiring Board
ƒ Onboard Celeron® M 1.0 GHz CPU
ƒ 2 x RS-232 ports
ƒ Two 10/100Base-T RJ-45 ports
ƒ 2 x USB ports (one with lockable cable mechanism)
ƒ Windows® XP Embedded SP2 ready solution
ƒ Independent 4-axis motion control
ƒ 32-ch isolated Digital I/O (16-ch inputs and 16-ch outputs)
ƒ 2/3-axis linear, 2-axis circular interpolation function
ƒ Continuous interpolation
ƒ Up to 4 Mpps output; up to 1MHz encoder input
ƒ Two pulse output types: CW/CCW or pulse/direction
ƒ Two encoder pulse input types: A/B or CW/CCW
Specifications
General
ƒ
Certifications
CE, FCC class A, UL, CCC
ƒ
Dimensions (W x D x H) 255 x 152 x 59 mm (10" x 6.0" x 2.3")
ƒ
Power Consumption
24 W (Typical)
ƒ
Power Requirements
10 ~ 30 VDC (e.g +24 V @ 2 A) (Min. 48 W), AT
ƒ
Weight
2.4 kg (Typical)
ƒ
OS Support
Windows XP Embedded, Windows 2000/XP
System Hardware
ƒ
CPU
Celeron M 1.0 GHz
ƒ
Memory
512 MB DDR SDRAM
ƒ
Indicators
LEDs for Power, IDE and LAN (Active, Status)
ƒ
Keyboard/Mouse
1 x PS/2
ƒ
Storage
SSD: 2 x internal type I/II CompactFlash® slot
I/O Interface
ƒ
Serial Ports
2 x RS-232 with DB9 connectors
ƒ
Serial Port Speed
50 ~ 115.2 kbps
ƒ
LAN
2 x 10/100Base-T RJ-45 ports
ƒ
USB Ports
2 x USB, EHCI, Rev. 2.0 compliant
Pulse Type Motion Control
ƒ
Number of Axes
4
ƒ
Interpolation
2-axis linear, 3-axis linear, 2-axis circular
ƒ
Max. Output Speed
4 Mpps
ƒ
Step Count Range
±2, 147, 483, 646
ƒ
Pulse Output Type
CW/CCW or pulse/direction
ƒ
Velocity Profiles
T-Curve, S-Curve
ƒ
Local I/O
PEL x 4, MEL x 4, ORG x 4, ALM x 4, INP x 4, CMP x 4
ƒ
General Inputs
12 (IN0 ~ 2 of each axis)
ƒ
General Outputs
16 (OUT4 ~ 7 of each axis)
Introduction
PEC-3240 is a standalone embedded motion controller that provides 4-axis motion and 32 isolated digital inputs/outputs. This controller also supports serial communication ports
and several other networking interfaces. The Windows XP Embedded OS offers a pre-configured image with optimized onboard device drivers. You can seamlessly integrate your
applications into Windows XP Embedded and speed up your system development with this application ready controller.
RoHS
COMPLIANT
2002/95/EC
NEW


Similar Part No. - PCL-10125-1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-10125-1 ADVANTECH-PCL-10125-1 Datasheet
554Kb / 1P
   24-ch Digital I/O Low Profile Universal PCI Card
PCL-10125-1 ADVANTECH-PCL-10125-1 Datasheet
538Kb / 1P
   3-axis Quadrature Encoder and 2-ch Counter ISA Card
PCL-10125-1 ADVANTECH-PCL-10125-1 Datasheet
143Kb / 1P
   Cable Accessories
More results

Similar Description - PCL-10125-1

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MVP-3245 ADVANTECH-MVP-3245 Datasheet
296Kb / 1P
   4-Axis PC-Based Motion Controller with 32-Channel Digital I/O
27-Jun-2018
logo
AAEON Technology
AEC-6850 AAEON-AEC-6850 Datasheet
296Kb / 2P
   Fanless Design With Intel짰 Celeron짰 M 1.0 GHz Processor
AEC-6520 AAEON-AEC-6520 Datasheet
292Kb / 2P
   IP-65 Washable Embedded Controller With Intel짰 Celeron짰 M Processor
GENE-8315 AAEON-GENE-8315 Datasheet
231Kb / 1P
   Onboard Intel짰 ULV Celeron짰 M 600 MHz/ 1.0 GHz or Intel짰 Celeron짰 M 1.3 GHz (Optional)/ 1.5 GHz Processors
EPIC-8526 AAEON-EPIC-8526 Datasheet
225Kb / 1P
   Intel짰 Embedded Pentium짰 M/ Celeron짰 M Processors
logo
Advantech Co., Ltd.
AIIS-1750 ADVANTECH-AIIS-1750 Datasheet
308Kb / 1P
   32-ch Isolated Digital I/O Card
4-Oct-2018
PCM-3730 ADVANTECH-PCM-3730 Datasheet
390Kb / 7P
   32-ch Isolated Digital I/O Module
ECU-1710A ADVANTECH-ECU-1710A_15 Datasheet
165Kb / 1P
   Intel짰 Atom??D510 Controller with 16-ch AI, 4-ch AO and 32-ch Isolated DI/O
PCIE-1730 ADVANTECH-PCIE-1730_V01 Datasheet
390Kb / 1P
   32-Ch TTL, 32-Ch Isolated Digital I/O PCIe Card
27-Jun-2018
logo
Intel Corporation
FW82801DBM-SL6DN INTEL-FW82801DBM-SL6DN Datasheet
3Mb / 615P
   Intel짰 82801DBM I/O Controller Hub 4 Mobile (ICH4-M)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com