Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MVL-5C4UOL Datasheet(PDF) 1 Page - Unity Opto Technology

Part No. MVL-5C4UOL
Description  T-1 ( f3mm) HIGH POWER AlInGaP LED LAMPS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UOT [Unity Opto Technology]
Homepage  http://www.unityopto.com.tw
Logo 

MVL-5C4UOL Datasheet(HTML) 1 Page - Unity Opto Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T-1 (
φφ3mm)
HIGH POWER AlInGaP LED LAMPS
MVL-5C4UOL
Description
Package Dimensions
The MVL-5C4UOL , utilizes the latest absorbing
subsstrate Aluminum Indium Gallium Phosphide
(AlInGaP) LED technology. This LED material
has outstanding light output efficiency over a
wide range of drive current.
The package is T-1 3/4 (5mm) water clear standard type.
Features
l
Ultra - brightness
l
Low power consumption
l
TTL compatible
l
Reliable
Absolute Maximum Ratings
@ TA=25
oC
Parameter
Symbol
Maximum Rating
Unit
Power Dissipation
Pad
125
mW
Peak Forward Current (1/10 Duty Cycle 100
µs pulse )
Ipf
200
mA
Continuous Forward Current
Iaf
50
mA
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
-40
oC to +100oC
Storage Temperature Range
Tstg
-40
oC to +100oC
Lead Soldering Temperature 1.6 mm from body for 5 seconds at 260
oC
09/06/2000
Unity Opto Technology Co., Ltd.
Notes :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Protruded resin under flange is 1.5 mm (.059") max.
3. Lead spacing is measured where the leads emerge from the package.
7.60
(.300)
φ5.00
(.200)
1.00
(.040)
5.60
(.220)
5.40
(.213)
Unit: mm ( inches )
SEE NOTE 2
2.54TYP.
(.100)
0.50 TYP.
(.020)
25.40 MIN.
(1.000)
1.00MIN.
(.040)
SEE NOTE 3
A
C


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn