Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2HW-BL222MR Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # D2HW-BL222MR
Description  Sealed Subminiature Snap Action Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2HW-BL222MR Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button D2HW-BL222MR Datasheet HTML 2Page - Omron Electronics LLC D2HW-BL222MR Datasheet HTML 3Page - Omron Electronics LLC D2HW-BL222MR Datasheet HTML 4Page - Omron Electronics LLC D2HW-BL222MR Datasheet HTML 5Page - Omron Electronics LLC D2HW-BL222MR Datasheet HTML 6Page - Omron Electronics LLC D2HW-BL222MR Datasheet HTML 7Page - Omron Electronics LLC D2HW-BL222MR Datasheet HTML 8Page - Omron Electronics LLC D2HW-BL222MR Datasheet HTML 9Page - Omron Electronics LLC D2HW-BL222MR Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
188
Sealed Subminiature Snap Action Switch
D2HW
Precautions
Be sure to read the precautions and information common to all Snap Action and Detection Switches, contained in the Technical User’s Guide,
“Snap Action Switches, Technical Information” for correct use.
■ Cautions
Degree of Protection
IEC Publication 529, degree of protection IP67.
Do not use this product in water. Although molded lead wire models
satisfy the test conditions for the standard given below, this test is to
check the ingress of water into the switch enclosure after submerging
the Switch in water for a given time. Satisfying this test condition
does not mean that the Switch can be used in water.
Do not operate the Switch when it is exposed to water spray, or when
water drops adhere to the Switch surface, or during sudden tempera-
ture changes, otherwise water may intrude into the interior of the
Switch due to a suction effect.
Prevent the Switch from coming into contact with oil and chemicals.
Otherwise, damage to or deterioration of Switch materials may
result.
Do not use the Switch in areas where it is exposed to silicon adhe-
sives, oil, or grease, otherwise faulty contact may result due to the
generation of silicon oxide.
Terminal Connection
When soldering the lead wire to the terminal, first insert the lead wire
conductor through the terminal hole and then conduct soldering.
Made sure that the capacity of the soldering iron is 30 W maximum.
Do not take more than 3 s to solder the switch terminal. Improper sol-
dering involving an excessively high temperature or excessive sol-
dering time may deteriorate the characteristics of the Switch.
When soldering the lead wire to the PCB terminal, pay careful atten-
tion so that the flux and solder liquid level does not exceed the PCB
level.
Side-actuated (Cam/Dog) Operation
When using a cam or dog to operate the Switch, factors such as the
operating speed, operating frequency, push-button indentation, and
material and shape of the cam or dog will affect the durability of the
Switch. Confirm performance specifications under actual operation
conditions before using the Switch in applications.
IEC Publication 529, degree of protection IP67.
■ Correct Use
Mounting
Turn OFF the power supply before mounting or removing the Switch,
wiring, or performing maintenance or inspection. Failure to do so may
result in electric shock or burning.
For M3-screw mounting models, use M3 mounting screws with plane
washers or spring washers to securely mount the Switch. Tighten the
screws to a torque of 0.27 to 0.29 N·m. Exceeding the specified
torque may result in deterioration of the sealing or damage.
For models with posts, secure the posts by thermal caulking or by
pressing into an attached device. When pressed into an attached
device, provide guides on the opposite ends of the posts to ensure
that they do not fall out or rattle.
Mount the Switch onto a flat surface. Mounting on an uneven surface
may cause deformation of the Switch, resulting in faulty operation or
damage.
Operating Body
Use an operating body with low frictional resistance and of a shape
that will not interfere with the sealing rubber, otherwise the plunger
may be damaged or the sealing may deteriorate.
Handling
Do not handle the Switch in a way that may cause damage to the
sealing rubber.
When handling the Switch, ensure that pressure is not applied to the
posts in the directions shown in the following diagram. Also, ensure
that uneven pressure or pressure in a direction other than the operat-
ing direction is not applied to the Actuator as shown in the following
diagram. Otherwise, the post, Actuator, or Switch may be damaged,
or the service life may be reduced.
Wiring Molded Lead Wire Models
When wiring molded lead wire models, ensure that there is no weight
on the wire or that there are no sharp bends near the parts where the
wire is drawn out. Otherwise, damage to the Switch or deterioration
in the sealing may result.
Using Micro Loads
Even when using micro load models within the operating range,
inrush currents or surges may decrease the life expectancy of the
Switch. Therefore, insert a contact protection circuit where neces-
sary.


Similar Part No. - D2HW-BL222MR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2HW-BL222MR OMRON-D2HW-BL222MR Datasheet
376Kb / 11P
    Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
More results

Similar Description - D2HW-BL222MR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3M OMRON-D3M Datasheet
752Kb / 8P
   Subminiature Snap Action Switch
logo
Cherry Semiconductor Co...
DG13B1LA CHERRY-DG13B1LA Datasheet
247Kb / 3P
   Subminiature Snap Action Switch
logo
Omron Electronics LLC
D2JW OMRON-D2JW Datasheet
525Kb / 8P
   Sealed Snap Action Switch
D2VW OMRON-D2VW Datasheet
612Kb / 8P
   Sealed Snap Action Switch
D2SW OMRON-D2SW Datasheet
613Kb / 8P
   Sealed Snap Action Switch
D2SW-3L1HS OMRON-D2SW-3L1HS Datasheet
549Kb / 8P
   Sealed Snap Action Switch
logo
Cherry Semiconductor Co...
DC1C-A1AA CHERRY-DC1C-A1AA Datasheet
336Kb / 2P
   Sealed Subminiature Snap Switch
logo
Omron Electronics LLC
D2VW01L2A1MS OMRON-D2VW01L2A1MS Datasheet
547Kb / 8P
   Sealed Snap Action Switch D2VW
logo
Honeywell Solid State E...
ZM1 HONEYWELL-ZM1 Datasheet
1Mb / 12P
   MICRO SWITCH??Standard Subminiature Snap-Action Z Series
logo
Honeywell Accelerometer...
ZM50E10F01 HONEYWELL-ACC-ZM50E10F01 Datasheet
1Mb / 12P
   MICRO SWITCH??Standard Subminiature Snap-Action Z Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com