Electronic Components Datasheet Search |
|
D3V-11G1MK-1C5-TKH Datasheet(PDF) 6 Page - Omron Electronics LLC |
|
D3V-11G1MK-1C5-TKH Datasheet(HTML) 6 Page - Omron Electronics LLC |
6 / 18 page 78 Miniature Basic Switch D3V Specifications ■ Ratings Note: 1. The above current values are the normal current values of models with a contact gap of 1 mm (gap F), which vary with the normal current values of models with a contact gap of 0.5 mm (gap G). 2. Inductive load has a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC). 3. Lamp load has an inrush current of 10 times the steady-state current. 4. Motor load has an inrush current of 6 times the steady-state current. 5. The ratings values apply under the following test conditions: Ambient temperature: 20 ±2°C, Ambient humidity: 65±5%, Operating frequency: 30 operations/min ■ Approved Standards UL1054 (File No. E41515) CSA C22.2 No.55 (File No. LR21642) (Only standard ratings are listed.) EN 61058-1: 1992+A1: 1993 (License No. 119151L) Testing conditions: 50,000 operations, T85 (0 °C to 85°C) for D3V-21/D3V-01, T105 (0°C to 105°C) for D3V-16/D3V-11/D3V-6 and T200 (0 to 200 °C) for D3V-6/-01 with suffix “T”, T155 (0 to 155°C) for D3V-11 with suffix “T”. **Testing conditions: 10,000 operations, T85 (0 °C to 85°C) EN 60695-2-11 Ed.2, EN 60695-2-12 Ed.2 - - Glow-wire flammability test methods Type Rated voltage Non-inductive load Inductive load Resistive load Lamp load Inductive load Motor load NC NO NC NO NC NO NC NO D3V-21 250 VAC 21 A 3 A 12 A 4 A 8 VDC 30 VDC 125 VDC 250 VDC 21 A 14 A 0.6 A 0.3 A 5 A 5 A 0.1 A 0.05 A 12 A 12 A 0.6 A 0.3 A 7 A 5 A 0.1 A 0.05 A D3V-16 250 VAC 16 A 2 A 10 A 3 A 8 VDC 30 VDC 125 VDC 250 VDC 16 A 10 A 0.6 A 0.3 A 4 A 4 A 0.1 A 0.05 A 10 A 10 A 0.6 A 0.3 A 6 A 4 A 0.1 A 0.05 A D3V-11 250 VAC 11 A 1.5 A 6 A 2 A 8 VDC 30 VDC 125 VDC 250 VDC 11 A 6 A 0.6 A 0.3 A 3 A 3 A 0.1 A 0.05 A 6 A 6 A 0.6 A 0.3 A 3 A 3 A 0.1 A 0.05 A D3V-6 250 VAC 6 A 3 A 4 A --- 8 VDC 30 VDC 125 VDC 250 VDC 6 A 6 A 0.4 A 0.3 A 3 A 3 A 0.1 A 0.05 A 4 A 4 A 0.4 A 0.2 A --- D3V-01 125 VAC 0.1 A --- --- --- 8 VDC 30 VDC 0.1 A 0.1 A --- --- --- Rated voltage D3V-21G D3V-16 D3V-16G D3V-11 D3V-11G D3V-6 D3V-6G D3V-01 125 VAC 3/4 HP 16 A, 1/2 HP 16 A, 1/2 HP 11 A, 1/2 HP 11 A, 1/2 HP 6 A, 1/4 HP 6 A, 1/4 HP 0.1 A 250 VAC 20.1 A, 3/4 HP 16 A, 1/2 HP 16 A, 1/2 HP 11 A, 1/2 HP 11 A, 1/2 HP 6 A, 1/4 HP 6 A, 1/4 HP --- 125 VDC --- 0.6 A 0.1 A 0.6 A 0.1 A --- --- --- 250 VDC --- 0.3 A --- 0.3 A --- --- --- --- Rated voltage D3V-21G D3V-16 D3V-11 D3V-6 D3V-01 125 VAC --- --- --- --- 0.1 A 250 VAC 20 (4) A 16 (3) A 11 (3) A 6 (2) A --- 250 VAC 21 (8) A** Rated voltage D3V-16 D3V-11 D3V-6 D3V-01 125 VAC --- --- --- 0.1 A 250 VAC 16 (3) A 11 (3) A 6 (2) A --- |
Similar Part No. - D3V-11G1MK-1C5-TKH |
|
Similar Description - D3V-11G1MK-1C5-TKH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |