Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D3V-11G1MK-1C5-TKH Datasheet(PDF) 13 Page - Omron Electronics LLC

Part No. D3V-11G1MK-1C5-TKH
Description  Miniature Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V-11G1MK-1C5-TKH Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button D3V-11G1MK-1C5-TKH Datasheet HTML 9Page - Omron Electronics LLC D3V-11G1MK-1C5-TKH Datasheet HTML 10Page - Omron Electronics LLC D3V-11G1MK-1C5-TKH Datasheet HTML 11Page - Omron Electronics LLC D3V-11G1MK-1C5-TKH Datasheet HTML 12Page - Omron Electronics LLC D3V-11G1MK-1C5-TKH Datasheet HTML 13Page - Omron Electronics LLC D3V-11G1MK-1C5-TKH Datasheet HTML 14Page - Omron Electronics LLC D3V-11G1MK-1C5-TKH Datasheet HTML 15Page - Omron Electronics LLC D3V-11G1MK-1C5-TKH Datasheet HTML 16Page - Omron Electronics LLC D3V-11G1MK-1C5-TKH Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Miniature Basic Switch
D3V
85
Short Hinge Roller Lever Models
D3V-21G5-1
@4A-Δ
D3V-165-1
@5-Δ
D3V-115-1
@5-Δ
D3V-115-1
@4-Δ
D3V-65-1
@4-Δ
D3V-6G5-1
@3-Δ
D3V-015-1
@3-Δ
4.8
10.3
5.1
PT
20.1
±0.8
8.1
1.6
3.1
dia. hole
+0.13
−0.03
0.7
4
7.2
18.8
15.9
t=0.5
Three, #187 series tab
2.8
(10)
27.8
37.8
±0.8
3.4±0.15 dia. hole
22.2
±0.1
3.1+0.13
−0.03
10.3
±0.1
OP
2.8
t=0.5
A
t=0.5
Three, quick-connect
terminals (#187)
Note: 1. Stainless-steel lever
2. Oilless polyacetar resin roller
D3V-21G5M-1
@4A-Δ
D3V-165M-1
@5-Δ
D3V-115M-1
@5-Δ
D3V-115M-1
@4-Δ
D3V-65M-1
@4-Δ
D3V-6G5M-1
@3-Δ
D3V-015M-1
@3-Δ
A
Model
D3V-21G5(M)-1
@4A-Δ
D3V-165(M)-1
@5-Δ
D3V-115(M)-1
@5-Δ
D3V-115(M)-1
@4-Δ
D3V-65(M)-1
@4-Δ
D3V-6G5(M)-1
@3-Δ
D3V-015(M)-1
@3-Δ
OF max.
RF min.
145 gf
20 gf
240 gf
50 gf
120 gf
15 gf
60 gf
6 gf
PT max.
OT min.
MD max.
1.6 mm
0.8 mm
0.5 mm
1.6 mm
0.8 mm
0.6 mm (F gap type) or 0.5 mm (G gap type)
1.6 mm
0.8 mm
0.6 mm
OP
20.7
±0.6 mm
D3V-21G5K-1
@4A-Δ
D3V-165K-1
@5-Δ
D3V-115K-1
@5-Δ
D3V-115K-1
@4-Δ
D3V-65K-1
@4-Δ
D3V-6G5K-1
@3-Δ
D3V-015K-1
@3-Δ
5.1
10.3
PT
25.9
±0.8
14.3
8.5
1.6
3.1
dia. hole
+0.13
−0.03
0.7
4
7.2
18.8
15.9
t=0.5
Three, #187 series tab
2.8
(10)
27.8
37.8±0.8
3.4±0.15 dia. hole
22.2
±0.1
3.1
+0.13
−0.03
10.3
±0.1
OP
2.8
t=0.5
A
Model
D3V-21G5K-1
@4A-Δ
D3V-165K-1
@5-Δ
D3V-115K-1
@5-Δ
D3V-115K-1
@4-Δ
D3V-65K-1
@4-Δ
D3V-6G5K-1
@3-Δ
D3V-015K-1
@3-Δ
OF max.
RF min.
100 gf
8 gf
160 gf
15 gf
80 gf
8 gf
40 gf
4 gf
PT max.
OT min.
MD max.
2.6 mm
1.0 mm
8.0 mm
2.6 mm
1.0 mm
0.9 mm (F gap type) or 0.8 mm (G gap type)
2.6 mm
1.0 mm
0.9 mm
OP
20.7
± 1.0 mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn