Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2HW-BR243ML Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D2HW-BR243ML
Description  Sealed Subminiature Snap Action Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2HW-BR243ML Datasheet(HTML) 5 Page - Omron Electronics LLC

  D2HW-BR243ML Datasheet HTML 1Page - Omron Electronics LLC D2HW-BR243ML Datasheet HTML 2Page - Omron Electronics LLC D2HW-BR243ML Datasheet HTML 3Page - Omron Electronics LLC D2HW-BR243ML Datasheet HTML 4Page - Omron Electronics LLC D2HW-BR243ML Datasheet HTML 5Page - Omron Electronics LLC D2HW-BR243ML Datasheet HTML 6Page - Omron Electronics LLC D2HW-BR243ML Datasheet HTML 7Page - Omron Electronics LLC D2HW-BR243ML Datasheet HTML 8Page - Omron Electronics LLC D2HW-BR243ML Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Sealed Subminiature Snap Action Switch
D2HW
185
Dimensions
■ Mounting Structure and Reference Positions for Operating Characteristics
Note: 1. All units are in millimeters unless otherwise indicated.
2. Dimensions not indicated in the diagrams have a tolerance of
±0.2 mm
3. The reference positions used for FP, OP, and TTP values are as shown below for each type of mounting.
■ Terminals
D2HW-A
@
Models without Posts
D2HW-B
@
Models with Posts
D2HW-C
@
M3-screw Mounting Models
Reference
position
Reference
position
Mounting Hole Dimensions (Reference) Mounting Hole Dimensions (Reference)
1.7 dia.
1.7 dia.
Reference
position
M3 tap
2.6
3.3
±0.15 dia.
2.4
dia. hole
(depth: 5 mm min.)
+0.1
0
3
dia. hole
(depth: 1.5 mm min.)
+0.1
0
3
dia.
0
−0.1
Straight PCB Terminals
Angled PCB Terminals
Solder Terminals
Lead Wires Downwards
Lead Wires on Right-side
Lead Wires on Left-side
PCB Cutout Dimensions (Reference)
PCB Cutout Dimensions (Reference)
Three-0.6
Three-0.6
Three-2
COM AVSS 0.5
(Black)
NO AVSS 0.5 (Blue)
NC AVSS 0.5 (Red)
Three, 1
dia. hole
+0.1
0
Three, 1
dia. hole
+0.1
0
2.4
dia. hole
(depth: 5 mm min.)
+0.1
0
2.6
3.5
(3.1)
(12)
(12)
(12)
(13.3)
(13.3)
Angled terminal directions are shown below.
See Note
Note: UL1007 AWG24 wires are used for UL/CSA approved models.
Left-angled terminal
Right-angled terminal


Similar Part No. - D2HW-BR243ML

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2HW-BR201DR OMRON-D2HW-BR201DR Datasheet
376Kb / 11P
    Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
D2HW-BR211DR OMRON-D2HW-BR211DR Datasheet
376Kb / 11P
    Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
D2HW-BR221DR OMRON-D2HW-BR221DR Datasheet
376Kb / 11P
    Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
D2HW-BR231DR OMRON-D2HW-BR231DR Datasheet
376Kb / 11P
    Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
D2HW-BR251H OMRON-D2HW-BR251H Datasheet
376Kb / 11P
    Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
More results

Similar Description - D2HW-BR243ML

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3M OMRON-D3M Datasheet
752Kb / 8P
   Subminiature Snap Action Switch
logo
Cherry Semiconductor Co...
DG13B1LA CHERRY-DG13B1LA Datasheet
247Kb / 3P
   Subminiature Snap Action Switch
logo
Omron Electronics LLC
D2JW OMRON-D2JW Datasheet
525Kb / 8P
   Sealed Snap Action Switch
D2VW OMRON-D2VW Datasheet
612Kb / 8P
   Sealed Snap Action Switch
D2SW OMRON-D2SW Datasheet
613Kb / 8P
   Sealed Snap Action Switch
D2SW-3L1HS OMRON-D2SW-3L1HS Datasheet
549Kb / 8P
   Sealed Snap Action Switch
logo
Cherry Semiconductor Co...
DC1C-A1AA CHERRY-DC1C-A1AA Datasheet
336Kb / 2P
   Sealed Subminiature Snap Switch
logo
Omron Electronics LLC
D2VW01L2A1MS OMRON-D2VW01L2A1MS Datasheet
547Kb / 8P
   Sealed Snap Action Switch D2VW
logo
Honeywell Solid State E...
ZM1 HONEYWELL-ZM1 Datasheet
1Mb / 12P
   MICRO SWITCH??Standard Subminiature Snap-Action Z Series
logo
Honeywell Accelerometer...
ZM50E10F01 HONEYWELL-ACC-ZM50E10F01 Datasheet
1Mb / 12P
   MICRO SWITCH??Standard Subminiature Snap-Action Z Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com