Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2F-FL2-D3 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D2F-FL2-D3
Description  Snap Action Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2F-FL2-D3 Datasheet(HTML) 1 Page - Omron Electronics LLC

  D2F-FL2-D3 Datasheet HTML 1Page - Omron Electronics LLC D2F-FL2-D3 Datasheet HTML 2Page - Omron Electronics LLC D2F-FL2-D3 Datasheet HTML 3Page - Omron Electronics LLC D2F-FL2-D3 Datasheet HTML 4Page - Omron Electronics LLC D2F-FL2-D3 Datasheet HTML 5Page - Omron Electronics LLC D2F-FL2-D3 Datasheet HTML 6Page - Omron Electronics LLC D2F-FL2-D3 Datasheet HTML 7Page - Omron Electronics LLC D2F-FL2-D3 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Snap Action Switch
D2F
31
Snap Action Switch
D2F
Subminiature Snap Action Switch
• Switches 3 A loads (general-purpose), 1 A loads
(low force general-purpose) and 0.1 A loads(microvoltage/
microcurrent)
• Long life span assured by high-precision dual spring
reverse-action mechanism
• Flux penetration prevented by using an insert terminal and
allowing a height difference at the case bottom
• Ideal for a wide range of applications including appliances,
office equipment, audio and communications equipment
• RoHS Compliant
Ordering Information
Model Number Legend
Actuator
Contact
type
Model
Contact
OF
Model
Terminal type
PCB
Self-
supporting
Solder
Compact
Solder
Right-angle
Left-angle
Pin plunger
Microvoltage/
current
Low force 75 g
D2F-01F
D2F-01F-T
D2F-01F-D3
D2F-01F-D
D2F-01F-A
D2F-01F-A1
Standard
150 g
D2F-01
D2F-01-T
D2F-01-D3
D2F-01-D
D2F-01-A
D2F-01-A1
General-
purpose
Low force 75 g
D2F-F
D2F-F-T
D2F-F-D3
D2F-F-D
D2F-F-A
D2F-F-A1
Standard
150 g
D2F
D2F-T
D2F-D3
D2F-D
D2F-A
D2F-A1
Hinge lever
Microvoltage/
current
Low force 25 g
D2F-01FL
D2F-01FL-T
D2F-01FL-D3
D2F-01FL-D
D2F-01FL-A
D2F-01FL-A1
Standard
80 g
D2F-01L
D2F-01L-T
D2F-01L-D3
D2F-01L-D
D2F-01L-A
D2F-01L-A1
General-
purpose
Low force 25 g
D2F-FL
D2F-FL-T
D2F-FL-D3
D2F-FL-D
D2F-FL-A
D2F-FL-A1
Standard
80 g
D2F-L
D2F-L-T
D2F-L-D3
D2F-L-D
D2F-L-A
D2F-L-A1
Simulated
roller lever
Microvoltage/
current
Low force 40 g
D2F-01FL3
D2F-01FL3-T
D2F-01FL3-D3 D2F-01FL3-D
D2F-01FL3-A
D2F-01FL3-A1
Standard
80 g
D2F-01L3
D2F-01L3-T
D2F-01L3-D3
D2F-01L3-D
D2F-01L3-A
D2F-01L3-A1
General-
purpose
Low force 40 g
D2F-FL3
D2F-FL3-T
D2F-FL3-D3
D2F-FL3-D
D2F-FL3-A
D2F-FL3-A1
Standard
80 g
D2F-L3
D2F-L3-T
D2F-L3-D3
D2F-L3-D
D2F-L3-A
D2F-L3-A1
Roller lever
Microvoltage/
current
Low force 40 g
D2F-01FL2
D2F-01FL2-T
D2F-01FL2-D3 D2F-01FL2-D
D2F-01FL2-A
D2F-01FL2-A1
Standard
80 g
D2F-01L2
D2F-01L2-T
D2F-01L2-D3
D2F-01L2-D
D2F-01L2-A
D2F-01L2-A1
General-
purpose
Low force 40 g
D2F-FL2
D2F-FL2-T
D2F-FL2-D3
D2F-FL2-D
D2F-FL2-A
D2F-FL2-A1
Standard
80 g
D2F-L2
D2F-L2-T
D2F-L2-D3
D2F-L2-D
D2F-L2-A
D2F-L2-A1
D2F-
1.
Ratings
None: General loads
01:
Micro loads (0.1 A at 30 VDC)
2.
Maximum Operating Force
None: 1.47 N {150 gf}
F:
0.74 N {75 gf}
Note:
These OF values are for the pin plunger models.
3.
Actuator
None: Pin plunger
L:
Hinge lever
L2:
Hinge roller lever
L3:
Simulated roller lever
4.
Terminals
None: PCB terminals/straight terminals
-T:
Self-clinching PCB terminals
-A:
Right-angled PCB terminals
-A1:
Left-angled PCB terminals
-D3:
Solder terminals
-D:
Compact solder terminals
3 4
2
1


Similar Part No. - D2F-FL2-D3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2F-FL2-D3 OMRON-D2F-FL2-D3 Datasheet
744Kb / 6P
   Incorporating a snapping mechanism made with two highly precise split springs that ensures long durability
D2F-FL2-D3 OMRON-D2F-FL2-D3 Datasheet
852Kb / 6P
   Ultra Subminiature Basic Switch with plenty of terminal variations
More results

Similar Description - D2F-FL2-D3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com