Electronic Components Datasheet Search |
|
D2HW-BR212ML Datasheet(PDF) 7 Page - Omron Electronics LLC |
|
D2HW-BR212ML Datasheet(HTML) 7 Page - Omron Electronics LLC |
7 / 10 page Sealed Subminiature Snap Action Switch D2HW 187 Note: 1. All units are in millimeters unless otherwise indicated. 2. Dimensions not indicated in the diagrams below have a tolerance of ±0.2 mm. 3. The operating characteristics are for operation in the A direction ( ). Hinge Roller Lever Models D2HW- @24@@ Characteristic Models with posts and M3-mounting models OF max. RF min. 0.65 N {66 gf} 0.03 N {3 gf} OT ref. MD max. 1.9 mm (reference value) 0.6 mm FP max. OP TTP max. 15.3 mm 14 ±0.6 mm 12.3 mm Leaf Lever Models D2HW- @26@@ Characteristic Models with posts and M3-mounting models OF max. RF min. 1.8 N {183 gf} 0.20 N {20 gf} OT ref. MD max. 1.8 mm (reference value) 0.5 mm FP max. OP TTP max. 9.3 mm 7.4 ±0.5 mm 5.8 mm Simulated Roller Leaf Lever Models D2HW- @27@@ Characteristic Models with posts and M3-mounting models OF max. RF min. 1.8 N {183 gf} 0.20 N {20 gf} OT ref. MD max. 2.0 mm (reference value) 0.5 mm FP max. OP TTP max. 12.5 mm 10.8 ±0.5 mm 8.9 mm Long Leaf Lever Models D2HW- @28@@ Characteristic Models with posts and M3-mounting models OF max. RF min. 0.9 N {92 gf} 0.05 N {5 gf} OT ref. MD max. 2.8 mm (reference value) 0.7 mm FP max. OP TTP max. 19 mm 15.4 ±1.5 mm 12.8 mm Note: UL1007 AWG24 wires are used for UL/CSA approved models. 8 ±0.1 TTP FP OP 4.8 dia. ×2.8 resin roller (4.6) A (0.4) (1.15) 3 6.5 15 t=0.3 stainless steel lever t = 0.3 stainless steel lever A t = 0.3 stainless steel lever A t = 0.2 stainless steel lever 3.3 ±0.15 dia. 3 dia. 0 -0.1 COM AVSS 0.5 (Black) NO AVSS 0.5 (Blue) NC AVSS 0.5 (Red) (13.3) (12) A 20.85 ±1 |
Similar Part No. - D2HW-BR212ML |
|
Similar Description - D2HW-BR212ML |