Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MVL-5A4UG Datasheet(PDF) 2 Page - Unity Opto Technology

Part No. MVL-5A4UG
Description  T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UOT [Unity Opto Technology]
Homepage  http://www.unityopto.com.tw
Logo 

MVL-5A4UG Datasheet(HTML) 2 Page - Unity Opto Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MVL-5A4UG
Optical-Electrical Characteristics
@ TA=25
oC
Parameter
Test Conditions
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IF=20mA
IV
1500
3000
-
mcd
Forward Voltage
IF=20mA
VF
-
2.0
2.6
V
Reverse Current
VR=5V
IR
-
-
100
µA
Dominant Wavelength
IF=20mA
λ
d
-
572
-
nm
Spectral Line Half Width
IF=20mA
∆λ
-
15
-
nm
Viewing Angle
IF=20mA
2
θ
1/2
-
8
-
deg.
Typical Optical-Electrical Characteristic Curves
01/09/2002
Unity Opto Technology Co., Ltd.
0
0.5
1
510
530
550
570
590
610
630
Wavelength (nm)
FIG.1 SPECTRAL DISTRIBUTION
0
10
20
30
40
50
60
0
20
40
60
80
100
0
5
10
15
20
25
30
35
40
45
50
1.2
1.6
2.0
2.4
2.8
3.2
Ambient Temperature TA (
oC)
FIG.3 FORWARD CURRENT
VS. AMBIENT TEMPERATURE
0.0
1.0
2.0
3.0
4.0
5.0
0
20
40
60
80
100
Forward Current (mA)
FIG.4 RELATIVE LUMINOUS INTENSITY
VS. FORWARD CURRENT
Forward VoltageVF (V)
FIG.2 FORWARD CURRENT
VS. FORWARD VOLTAGE
1.0
0.9
0.8
FIG.5 RADIATION DIAGRAM
10°
20°
30
o
40
o
50
o
60
o
70
o
80
o
90
o
0.5 0.3 0.1 0.2 0.4 0.6


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn