Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2VW Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # D2VW
Description  Sealed Snap Action Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2VW Datasheet(HTML) 6 Page - Omron Electronics LLC

  D2VW Datasheet HTML 1Page - Omron Electronics LLC D2VW Datasheet HTML 2Page - Omron Electronics LLC D2VW Datasheet HTML 3Page - Omron Electronics LLC D2VW Datasheet HTML 4Page - Omron Electronics LLC D2VW Datasheet HTML 5Page - Omron Electronics LLC D2VW Datasheet HTML 6Page - Omron Electronics LLC D2VW Datasheet HTML 7Page - Omron Electronics LLC D2VW Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
212
Sealed Snap Action Switch
D2VW
Precautions
Be sure to read the precautions and information common to all Snap Action and Detection Switches, contained in the Technical User’s Guide,
“Snap Action Switches, Technical Information” for correct use.
■ Correct Use
Operations
Make sure that the switching object is perfectly separated from the
actuator when the switch is not operated and the actuator is pressed
appropriately by the switching object when the switch is operated.
The switch should be set so that its stroke will be within the rated OT
when the switch is operated.
With the pin plunger models, set the switch so that the plunger can
be actuated from directly above. Since the plunger is covered with a
rubber cap, applying a force from lateral directions may cause
damage to the plunger or reduction in the sealing capability.
Handling
Handle the switch carefully so as not to break the sealing rubber of
the plunger.
Using Microloads
Using a model for ordinary loads to switch microloads may result in
faulty operation. Instead, use the models that are designed for
microloads and that operate in the following range;
However, even when using microload models within the operating
range shown above, if inrush current or inductive voltage spikes
occur when the contact is opened or closed, then contact wear may
increase and so decrease the service life. Therefore, insert a contact
protection circuit where necessary.
■ Cautions
Degree of Protection
The D2VW was tested under water and passed the following water-
tightness test, which however, does not mean that the D2VW can be
used in the water.
JIS C0929 (rules for testing the watertightness of electrical devices
and materials), class 7 (watertightness test). Refer to the following
illustration for the test method at OMRON.
Note: The object to be tested is left in the water for 30 minutes on con-
dition that the distance between the surface of the water and
the top of the object be 15 cm minimum and the distance be-
tween the surface of the water and the bottom of the object be
1 m minimum.
Protection Against Chemicals
Prevent the switch from coming into contact with oil and chemicals.
Otherwise, damage to or deterioration of the switch materials may
occur.
Correct
Incorrect
Incorrect
Operating range
for micro load
models D2VW-01
Operating
range for
general-load
models
D2VW-05
Current (mA)
Inoperable
range
30
24
12
5
0
1
10
100
1,000
0.16mA
100mA
100mA 160mA
26mA
1mA


Similar Part No. - D2VW

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2VW-01-1HS OMRON-D2VW-01-1HS Datasheet
547Kb / 8P
   Sealed Snap Action Switch D2VW
D2VW-01-1MS OMRON-D2VW-01-1MS Datasheet
547Kb / 8P
   Sealed Snap Action Switch D2VW
D2VW-01L1-1HS OMRON-D2VW-01L1-1HS Datasheet
547Kb / 8P
   Sealed Snap Action Switch D2VW
D2VW-01L1-1MS OMRON-D2VW-01L1-1MS Datasheet
547Kb / 8P
   Sealed Snap Action Switch D2VW
D2VW-01L1A-1HS OMRON-D2VW-01L1A-1HS Datasheet
547Kb / 8P
   Sealed Snap Action Switch D2VW
More results

Similar Description - D2VW

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2JW OMRON-D2JW Datasheet
525Kb / 8P
   Sealed Snap Action Switch
D2SW OMRON-D2SW Datasheet
613Kb / 8P
   Sealed Snap Action Switch
D2SW-3L1HS OMRON-D2SW-3L1HS Datasheet
549Kb / 8P
   Sealed Snap Action Switch
D2HW OMRON-D2HW Datasheet
801Kb / 10P
   Sealed Subminiature Snap Action Switch
D2VW01L2A1MS OMRON-D2VW01L2A1MS Datasheet
547Kb / 8P
   Sealed Snap Action Switch D2VW
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com