Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6S-1104-H Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # A6S-1104-H
Description  DIP Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6S-1104-H Datasheet(HTML) 3 Page - Omron Electronics LLC

  A6S-1104-H Datasheet HTML 1Page - Omron Electronics LLC A6S-1104-H Datasheet HTML 2Page - Omron Electronics LLC A6S-1104-H Datasheet HTML 3Page - Omron Electronics LLC A6S-1104-H Datasheet HTML 4Page - Omron Electronics LLC A6S-1104-H Datasheet HTML 5Page - Omron Electronics LLC A6S-1104-H Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DIP Switch
A6S-H
311
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of ±0.4 mm applies to all dimensions.
Mounting pads
(top view)
Internal connections
(top view)
■ Flat Actuator with SMT Terminal
Standard/With Seal Tape
A6S-
@101-H
A6S-
@102-H
Raised Actuator with SMT Terminal
A6S-
@104-H
Flat Actuator
Standard
Flat Actuator
With Seal Tape
Raised Actuator
Seal tape (t = 0.06)
0.7 min. *
3±0.1
1.1
2.54
2.54
× (P−1)
* One terminal is 0 to 0.15 mm
6.2±0.2
A±0.2
0.5
12
34
5
6
7
8
9.8±0.3
9.8±0.3
9.8±0.3
0.7
0.7
0.7
0.25
0.25
0.25
1
0.7
0.7
0.7
0.7
O N
No. of
poles
Model
Dimension A
Flat Actuator
Raised Actuator
Standard
With Seal Tape
1
A6S-1101-H
A6S-1102-H
A6S-1104-H
3.48
2
A6S-2101-H
A6S-2102-H
A6S-2104-H
6.02
3
A6S-3101-H
A6S-3102-H
A6S-3104-H
8.56
4
A6S-4101-H
A6S-4102-H
A6S-4104-H
11.10
5
A6S-5101-H
A6S-5102-H
A6S-5104-H
13.64
6
A6S-6101-H
A6S-6102-H
A6S-6104-H
16.18
7
A6S-7101-H
A6S-7102-H
A6S-7104-H
18.72
8
A6S-8101-H
A6S-8102-H
A6S-8104-H
21.26
9
A6S-9101-H
A6S-9102-H
A6S-9104-H
23.80
10
A6S-0101-H
A6S-0102-H
A6S-0104-H
26.34
P: pole numbers
1.1
2.54
× (P−1) ±0.1
7.4 10.4
ON
12
9 10


Similar Part No. - A6S-1104-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6S-0101 OMRON-A6S-0101 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
A6S-0102 OMRON-A6S-0102 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
A6S-0104 OMRON-A6S-0104 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
A6S-2101 OMRON-A6S-2101 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
A6S-2102 OMRON-A6S-2102 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
More results

Similar Description - A6S-1104-H

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BSI-10 DBLECTRO-BSI-10 Datasheet
185Kb / 2P
   DIP SWITCH
logo
CUI INC
DS04-254 CUI-DS04-254 Datasheet
322Kb / 3P
   DIP SWITCH
logo
Omron Electronics LLC
A6ER OMRON-A6ER Datasheet
746Kb / 4P
   DIP Switch
logo
DB Lectro Inc
BSI-10H DBLECTRO-BSI-10H Datasheet
184Kb / 2P
   DIP SWITCH
logo
CUI INC
DS01-254 CUI-DS01-254 Datasheet
312Kb / 3P
   DIP SWITCH
DS02-254 CUI-DS02-254_V01 Datasheet
333Kb / 3P
   DIP SWITCH
11/23/2021
logo
Omron Electronics LLC
A6D OMRON-A6D Datasheet
147Kb / 3P
   DIP Switch
logo
CUI INC
DS05-127-SMT CUI-DS05-127-SMT Datasheet
355Kb / 4P
   DIP SWITCH
logo
Omron Electronics LLC
A6DR OMRON-A6DR Datasheet
568Kb / 4P
   DIP Switch
logo
CUI INC
DS03-254 CUI-DS03-254 Datasheet
319Kb / 3P
   DIP SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com