Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6D-4103 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # A6D-4103
Description  DIP Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6D-4103 Datasheet(HTML) 1 Page - Omron Electronics LLC

  A6D-4103 Datasheet HTML 1Page - Omron Electronics LLC A6D-4103 Datasheet HTML 2Page - Omron Electronics LLC A6D-4103 Datasheet HTML 3Page - Omron Electronics LLC A6D-4103 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIP Switch
A6D/A6DR
291
DIP Switch
A6D/A6DR
Space-saving, Subminiature DIP Switch Offers
Both Sealed and Unsealed Construction
• Sealed construction equivalent to IP64 (IEC 60529) prevents
flux penetration and provides high contact reliability even in
dusty locations and locations where water is used.
• Smooth, sure switching action enables comfortable operation.
Designed to standards of DIL-IC; top actuated types are auto
insertable
• Gold-plated twin contacts and a slide-type, self-cleaning
mechanism ensure high reliability.
• RoHS Compliant
Ordering Information
Important Note: Switches cannot be water-washed.
Specifications
■ Characteristics
Note: Data shown are of initial value.
Part numbers
Top actuated
Raised actuator
Side actuated
Type
No. of poles
Quantity
per tube
Quantity
per tube
Quantity
per box
Sealed
2
A6D-2100
73
A6D-2103
73
A6DR-2100
100
4
A6D-4100
43
A6D-4103
43
A6DR-4100
50
6
A6D-6100
30
A6D-6103
30
A6DR-6100
8
A6D-8100
23
A6D-8103
23
A6DR-8100
10
A6D-0100
19
A6D-0103
19
A6DR-0100
Switching capacity
30 mA at 30 VDC
Minimum permissible load
10 µA at 3.5 VDC min.
Contact resistance
100 M
Ω max.
Insulation resistance
10 M
Ω min. (at 250 VDC)
Dielectric strength
500 VAC for 1 minute between terminals
Operating force
30 to 500 gf (0.3 to 4.9 N)
Vibration resistance
Malfunction durability 10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Malfunction durability 300 m/s2 (30 G) min.
Ambient operating temperature
-20
° to 70°C at 60% RH max. (with no icing or condensation)
Ambient operating humidity
35% to 95% RH (at 5 to 35
°C)
Service life
Mechanical
5,000 operations min.
Electrical
2,000 operations min.
Weight
Flat and raised actuators: 0.28g (2 poles), 0.45 g (4 poles), 0.65 g (6 poles), 0.80 g (8 poles), 1.0 g (10 poles)
Side actuated: 0.53g (2 poles), 0.8 g (4 poles), 1.2 g (6 poles), 1.7 g (8 poles), 2.2 g (10 poles)


Similar Part No. - A6D-4103

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6D-4103 OMRON-A6D-4103 Datasheet
147Kb / 3P
   DIP Switch
More results

Similar Description - A6D-4103

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6S-H OMRON-A6S-H Datasheet
933Kb / 6P
   DIP Switch
logo
DB Lectro Inc
BSI-10 DBLECTRO-BSI-10 Datasheet
185Kb / 2P
   DIP SWITCH
logo
CUI INC
DS04-254 CUI-DS04-254 Datasheet
322Kb / 3P
   DIP SWITCH
logo
Omron Electronics LLC
A6ER OMRON-A6ER Datasheet
746Kb / 4P
   DIP Switch
logo
DB Lectro Inc
BSI-10H DBLECTRO-BSI-10H Datasheet
184Kb / 2P
   DIP SWITCH
logo
CUI INC
DS01-254 CUI-DS01-254 Datasheet
312Kb / 3P
   DIP SWITCH
DS02-254 CUI-DS02-254_V01 Datasheet
333Kb / 3P
   DIP SWITCH
11/23/2021
logo
Omron Electronics LLC
A6D OMRON-A6D Datasheet
147Kb / 3P
   DIP Switch
logo
CUI INC
DS05-127-SMT CUI-DS05-127-SMT Datasheet
355Kb / 4P
   DIP SWITCH
DS03-254 CUI-DS03-254 Datasheet
319Kb / 3P
   DIP SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com