Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APAX-5002 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # APAX-5002
Description  Power Supply for APAX-5570 Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

APAX-5002 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  APAX-5002 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Specifications
General
Dimensions (W x H x D) 28 x 151 x 38 mm (APAX-5001)
54 x 151 x 38 mm (APAX-5002)
Weight
70 g (APAX-5001)
120 g (APAX-5002)
Mounting
DIN-rail, wall
Power Consumption
0.3 W @ 24 VDC (APAX-5001)
1.3 W @ 24 VDC (APAX-5002)
Power Input
18 ~ 30 VDC
Slot Number
1 (APAX-5001)
2 (APAX-5002)
Environment
Operating Temperature 0 ~ 60° C
Storage Temperature
-25 ~ 75° C
Relative Humidity
5 ~ 95% (non-condensing)
Ordering Information
APAX-5001
1-slot Backplane Module
APAX-5002
2-slot Backplane Module
APAX-5343E
Power Supply for APAX Expansion Module
APAX-5343
APAX-5343E
APAX-5001/5002
Power Supply for APAX-5570 Series
Power Supply for APAX Expansion
Modules
1-slot/2-slot Backplane Module
NEW
NEW
APAX-5001
APAX-5002
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
Specifications
Input
Rated Voltage
115/230 VAC
Voltage Range
90 ~ 264 VAC
Input Current
1.5 A (at rated load)
Input Frequency Range 47 ~ 63 Hz
Inrush Current
50 A
Output
Output Power
72 watt
Rated Voltage
24 VDC
Rated Output Current
3 A
Efficiency
≥ 88%
Protection
Isolation Protection (In/Out)
Over Voltage Protection
Over Load Protection
Short Circuit Protection
General
Dimensions (W x H x D) 75 x 151 x 115 mm
Operating Temperature 0 ~ 50° C
Storage Temperature
-20 ~ 75° C
Relative Humidity
5 ~ 95% (non-condensing)
Ordering Information
APAX-5343
Power Supply for APAX-5570 Series
APAX-5343E
Power Supply for APAX Expansion Module
APAX-5343


Similar Part No. - APAX-5002

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5002 ADVANTECH-APAX-5002 Datasheet
338Kb / 1P
   8-ch RTD Module
APAX-5002 ADVANTECH-APAX-5002 Datasheet
301Kb / 1P
   12-ch High Speed Analog Input Module
APAX-5002 ADVANTECH-APAX-5002 Datasheet
301Kb / 1P
   24-ch Digital Input Module
APAX-5002 ADVANTECH-APAX-5002 Datasheet
614Kb / 1P
   24-ch Digital Output Module
APAX-5002 ADVANTECH-APAX-5002 Datasheet
188Kb / 1P
   PC-based Controller with XScale CPU
More results

Similar Description - APAX-5002

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5402 ADVANTECH-APAX-5402 Datasheet
325Kb / 1P
   2-slot Expansion Backplane for APAX-5580
27-Jun-2018
logo
Panasonic Semiconductor
JW2SNBDC12V PANASONIC-JW2SNBDC12V Datasheet
141Kb / 7P
   power relays for power supply
logo
Murata Manufacturing Co...
MPA1967A MURATA-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
logo
Murata Power Solutions ...
MPA1954B MURATA-PS-MPA1954B Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954G MURATA-PS-MPA1954G Datasheet
626Kb / 8P
   Power Supply for LED
MPA1954D MURATA-PS-MPA1954D Datasheet
626Kb / 8P
   Power Supply for LED
MPA1962B MURATA-PS-MPA1962B Datasheet
900Kb / 8P
   Power Supply for LED
MPA1967A MURATA-PS-MPA1967A Datasheet
680Kb / 8P
   Power Supply for LED
MPA1948A MURATA-PS-MPA1948A Datasheet
624Kb / 8P
   Power Supply for LED
logo
Murata Manufacturing Co...
MPA1960A MURATA-MPA1960A Datasheet
795Kb / 8P
   Power Supply for LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com