Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MVL-584UOL Datasheet(PDF) 2 Page - Unity Opto Technology

Part No. MVL-584UOL
Description  T-1 3/4 ( f5mm) High Performance AllnGaP LED Lamps
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UOT [Unity Opto Technology]
Homepage  http://www.unityopto.com.tw
Logo 

MVL-584UOL Datasheet(HTML) 2 Page - Unity Opto Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MVL-584UOL
Optical-Electrical Characteristics
@ TA=25
oC
Parameter
Test Conditions
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IF=20mA
IV
100
200
-
mcd
Forward Voltage
IF=20mA
VF
-
1.9
2.5
V
Reverse Current
VR=5V
IR
-
-
100
µA
Peak Emission Wavelength
IF=20mA
λ
p
-
630
-
nm
Spectral Line Half Width
IF=20mA
∆λ
-
18
-
nm
Viewing Angle
IF=20mA
2
θ
1/2
-
100
-
deg.
Typical Optical-Electrical Characteristic Curves
09/05/2000
Unity Opto Technology Co., Ltd.
0
10
20
30
40
50
60
0
30
60
90
120
0
10
20
30
40
50
1.2
1.6
2.0
2.4
2.8
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
Forward Current (mA)
FIG.4 RELATIVE RADIANT INTENSITY
VS. FORWARD CURRENT
Ambient Temperature TA (
o
C
)
FIG.3 RELATIVE RADIANT INTENSITY
VS. AMBIENT TEMPERATURE
Forward Voltage (V)
FIG.2 FORWARD CURRENT VS.
FORWARD VOLTAGE
0
0.5
1
560
590
620
650
680
Wavelength (nm)
FIG.1 SPECTRAL DISTRIBUTION
FIG.5 RADIATION DIAGRAM
0.5 0.3 0.1 0.2 0.4 0.6
1.0
0.9
0.8
30°
40°
50°
60°
70°
80°
90°
10°
20°


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn