Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MVL-584UG Datasheet(PDF) 1 Page - Unity Opto Technology

Part No. MVL-584UG
Description  T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UOT [Unity Opto Technology]
Homepage  http://www.unityopto.com.tw
Logo 

MVL-584UG Datasheet(HTML) 1 Page - Unity Opto Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T-1 3/4 (
φφ5mm)
HIGH POWER AlInGaP LED LAMPs
MVL-584UG
Description
Package Dimensions
The MVL-584UG , a green source color device , is made with
tran AllnGaP light emitting diode.
The package is T-1 3/4 (
φ5mm) standard green transparent plastic
lens type.
Features
l
Standard T-1 3/4 (
φ5mm) package
l
Low power consumption
l
High efficiency
l
Reliable
Absolute Maximum Ratings
@ TA=25
oC
Parameter
Symbol
Maximum Rating
Unit
Power Dissipation
Pad
100
mW
Peak Forward Current(1/10 Duty Cycle100
µs pulse )
Ipf
200
mA
Continuous Forward Current
Iaf
50
mA
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
-40
oC to +100oC
Storage Temperature Range
Tstg
-40
oC to +100oC
Soldering Temperature 1.6 mm from body for 5 seconds at 260
oC
09/05/2000
Unity Opto Technology Co., Ltd.
Unit: mm ( inches )
2.54 nom.
(.100)
0.50 typ.
(.019)
5.00
(.197)
1.00 min
(.039)
24.00 MIN.
(0.945)
SEE NOTE 3
6.80
(.268)
SEE NOTE 2
A
C


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn