Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FK20KM-6 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. FK20KM-6
Description  HIGH-SPEED SWITCHING USE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FK20KM-6 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FK20KM-6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FK20KM-6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FK20KM-6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FK20KM-6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FK20KM-6 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
MITSUBISHI Nch POWER MOSFET
FK20KM-6
HIGH-SPEED SWITCHING USE
40
32
24
16
8
0
0
4
8
12
16
20
TC = 25°C
VDS = 50V
Pulse Test
20
16
12
8
4
0
0
4
8
12
16
20
ID = 40A
TC = 25°C
Pulse Test
20A
10A
0
23
10–1
57 100 23 5 7 101 23 5 7 102
0.5
0.4
0.3
0.2
0.1
TC = 25°C
Pulse Test
VGS = 10V
20V
102
7
5
3
2
100
100
23
5 7 101
101
7
5
3
2
23
5 7 102
TC = 25°C
VDS = 10V
Pulse Test
125°C
75°C
20
16
12
8
4
0
0
4
8
12
16
20
PD =
40W
TC = 25°C
Pulse Test
VGS=20V 10V
5.5V
5V
6V
4.5V
50
40
30
20
10
0
0
1020304050
PD = 40W
TC = 25°C
Pulse Test
VGS = 20V
10V
6V
5V
7V
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS.DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FK14SM-12 HIGH-SPEED SWITCHING USE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FK20SM-10 HIGH-SPEED SWITCHING USE 1  2  3  4  5  Mitsubishi Electric Semiconductor
FS100UM-03 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS10KMH-03 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS10VS-14A HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS14UM-9 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS16VS-9 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS20UM-6 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS2VS-12 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor
FS30KMJ-03 HIGH-SPEED SWITCHING USE 1  2  3  4  Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn